Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

E48SH05020 Fiches technique(PDF) 2 Page - Delta Electronics, Inc.

No de pièce E48SH05020
Description  Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DELTA [Delta Electronics, Inc.]
Site Internet  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SH05020 Fiches technique(HTML) 2 Page - Delta Electronics, Inc.

  E48SH05020 Datasheet HTML 1Page - Delta Electronics, Inc. E48SH05020 Datasheet HTML 2Page - Delta Electronics, Inc. E48SH05020 Datasheet HTML 3Page - Delta Electronics, Inc. E48SH05020 Datasheet HTML 4Page - Delta Electronics, Inc. E48SH05020 Datasheet HTML 5Page - Delta Electronics, Inc. E48SH05020 Datasheet HTML 6Page - Delta Electronics, Inc. E48SH05020 Datasheet HTML 7Page - Delta Electronics, Inc. E48SH05020 Datasheet HTML 8Page - Delta Electronics, Inc. E48SH05020 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TECHNICAL SPECIFICATIONS
(TA=25°C, airflow rate=300 LFM, Vin=48Vdc, nominal Vout unless otherwise noted.)
PARAMETER
NOTES and CONDITIONS
E48SH05020 (Standard)
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Continuous
75
Vdc
Transient (100ms)
100ms
100
Vdc
Operating Temperature
Refer to Figure 21 for measuring point
-40
129
°C
Storage Temperature
-55
125
°C
Input/Output Isolation Voltage
2250
Vdc
INPUT CHARACTERISTICS
Operating Input Voltage
36
48
75
Vdc
Input Under-Voltage Lockout
Turn-On Voltage Threshold
33
34
35
Vdc
Turn-Off Voltage Threshold
31
32
33
Vdc
Lockout Hysteresis Voltage
1
2
3
Vdc
Maximum Input Current
100% Load, 36Vin
3.7
A
No-Load Input Current
60
120
mA
Off Converter Input Current
3
10
mA
Inrush Current(I
2t)
1
A
2s
Input Reflected-Ripple Current
P-P thru 12µH inductor, 5Hz to 20MHz
20
mA
Input Voltage Ripple Rejection
120 Hz
50
dB
OUTPUT CHARACTERISTICS
Output Voltage Set Point
Vin=48V, Io=Io.max, Tc=25°C
4.95
5.0
5.05
Vdc
Output Voltage Regulation
Over Load
Io=Io,min to Io,max
±3
±10
mV
Over Line
Vin=36V to 75V
±3
±10
mV
Over Temperature
Tc=-40°C to 85°C
±25
mV
Total Output Voltage Range
over sample load, line and temperature
4.9
5.1
V
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
Full Load, 1µF ceramic, 10µF tantalum
40
60
mV
RMS
Full Load, 1µF ceramic, 10µF tantalum
10
20
mV
Operating Output Current Range
0
20
A
Output DC Current-Limit Inception
Output Voltage 10% Low
110
140
%
DYNAMIC CHARACTERISTICS
Output Voltage Current Transient
48V, 10µF Tan & 1µF Ceramic load cap, 0.1A/µs
Positive Step Change in Output Current
50% Io.max to 75% Io.max
60
100
mV
Negative Step Change in Output Current
75% Io.max to 50% Io.max
60
100
mV
Settling Time (within 1% Vout nominal)
30
us
Turn-On Transient
Start-Up Time, From On/Off Control
15
25
ms
Start-Up Time, From Input
15
25
ms
Maximum Output Capacitance
Full load; no overshoot of Vout at startup
10000
µF
EFFICIENCY
100% Load
90
%
60% Load
91.5
%
ISOLATION CHARACTERISTICS
Input to Output
2250
Vdc
Isolation Resistance
10
MΩ
Isolation Capacitance
1500
pF
FEATURE CHARACTERISTICS
Switching Frequency
250
kHz
ON/OFF Control, Negative Remote On/Off logic
Logic Low (Module On)
Von/off at Ion/off=1.0mA
0
1.2
V
Logic High (Module Off)
Von/off at Ion/off=0.0 µA
3
50
V
ON/OFF Control, Positive Remote On/Off logic
Logic Low (Module Off)
Von/off at Ion/off=1.0mA
0
1.2
V
Logic High (Module On)
Von/off at Ion/off=0.0 µA
3
50
V
ON/OFF Current (for both remote on/off logic)
Ion/off at Von/off=0.0V
1
mA
Leakage Current (for both remote on/off logic)
Logic High, Von/off=15V
50
uA
Output Voltage Trim Range
Across Pins 9 & 5, Pout ≦ max rated power
-20%
10%
%
Output Voltage Remote Sense Range
Pout ≦ max rated power
10
%
Output Over-Voltage Protection
Over full temp range; % of nominal Vout
118
130
%
GENERAL SPECIFICATIONS
CMTBF
Io=80% of Io, max; 300LFM @25℃
2.57
M hours
Weight
25
grams
Over-Temperature Shutdown
Refer to Figure 21 for measuring point
135
°C
E48SH05020_02272007
2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
E48SH1R250 Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 1.2V/50A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SH1R540 Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 1.5V/40A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SH1R840 Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 1.8V/40A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SH2R535 Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 2.5V/35A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SH3R330 Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 3.3V/30A out 1  2  3  4  5  More Delta Electronics, Inc.
E24SR3R320 Delphi Series E24SR 66W Eighth Brick Family DC/DC Power Modules: 24V in 3.3V/20A out 1  2  3  4  5  More Delta Electronics, Inc.
E24SR05012 Delphi Series E24SR 66W Eighth Brick Family DC/DC Power Modules: 24V in 5V/12A out 1  2  3  4  5  More Delta Electronics, Inc.
E24SR06508 Delphi Series E24SR 66W Eighth Brick Family DC/DC Power Modules: 24V in 6.5V/8A out 1  2  3  4  5  More Delta Electronics, Inc.
E24SR12005 Delphi Series E24SR 66W Eighth Brick Family DC/DC Power Modules: 24V in 12V/5A out 1  2  3  4  5  More Delta Electronics, Inc.
E36SR3R320 Delphi Series E36SR Eighth Brick Family DC/DC Power Modules: 18~75V in 3.3V/20A out 1  2  3  4  5  More Delta Electronics, Inc.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn