Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E48SH05020 Fiches technique(PDF) 15 Page - Delta Electronics, Inc.

No de pièce E48SH05020
Description  Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DELTA [Delta Electronics, Inc.]
Site Internet  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SH05020 Fiches technique(HTML) 15 Page - Delta Electronics, Inc.

Back Button E48SH05020 Datasheet HTML 7Page - Delta Electronics, Inc. E48SH05020 Datasheet HTML 8Page - Delta Electronics, Inc. E48SH05020 Datasheet HTML 9Page - Delta Electronics, Inc. E48SH05020 Datasheet HTML 10Page - Delta Electronics, Inc. E48SH05020 Datasheet HTML 11Page - Delta Electronics, Inc. E48SH05020 Datasheet HTML 12Page - Delta Electronics, Inc. E48SH05020 Datasheet HTML 13Page - Delta Electronics, Inc. E48SH05020 Datasheet HTML 14Page - Delta Electronics, Inc. E48SH05020 Datasheet HTML 15Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
E48SH05020_02272007
15
PART NUMBERING SYSTEM
E
48
S
H
050
20
N
R
F
A
Type of
Product
Input
Voltage
Number of
Outputs
Product
Series
Output
Voltage
Output
Current
ON/OFF
Logic
Pin
Length/type
Option Code
E- Eighth
Brick
48-36V~75V
S- Single
H-50A series
050 – 5.0V
20 -20A
N- Negative
P- Positive
R- 0.170”
N- 0.145”
K- 0.110”
M- SMD
F- RoHS 6/6
(Lead Free)
A - Standard functions
H - With heatspreader
MODEL LIST
MODEL NAME
INPUT
OUTPUT
EFF @ 100% LOAD
E48SH1R250NRFA
36V~75V
2.3A
1.2V
50A
86.5%
E48SH1R540NRFA
36V~75V
2.2A
1.5V
40A
89%
E48SH1R840NRFA
36V~75V
2.7A
1.8V
40A
90%
E48SH2R535NRFA
36V~75V
2.9A
2.5V
35A
89.5%
E48SH3R330NRFA
36V~75V
3.6A
3.3V
30A
92%
E48SH05020NRFA
36V~75V
3.7A
5.0V
20A
90%
E48SH12010NRFA
36V~75V
4.3A
12V
10A
93%
Default remote on/off logic is negative and pin length is 0.170”
For different remote on/off logic and pin length, please refer to part numbering system above or contact your local sales
office.
CONTACT: www.delta.com.tw/dcdc
USA:
Telephone:
East Coast: (888) 335 8201
West Coast: (888) 335 8208
Fax: (978) 656 3964
Email: DCDC@delta-corp.com
Europe:
Telephone: +41 31 998 53 11
Fax: +41 31 998 53 53
Email: DCDC@delta-es.tw
Asia & the rest of world:
Telephone: +886 3 4526107 x 6220
Fax: +886 3 4513485
Email: DCDC@delta.com.tw
WARRANTY
Delta offers a two (2) year limited warranty. Complete warranty information is listed on our web site or is available upon
request from Delta.
Information furnished by Delta is believed to be accurate and reliable. However, no responsibility is assumed by Delta for
its use, nor for any infringements of patents or other rights of third parties, which may result from its use. No license is
granted by implication or otherwise under any patent or patent rights of Delta. Delta reserves the right to revise these
specifications at any time, without notice.


Numéro de pièce similaire - E48SH05020

FabricantNo de pièceFiches techniqueDescription
logo
Delta Electronics, Inc.
E48SH05020NKFA DELTA-E48SH05020NKFA Datasheet
879Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SH05020NKFH DELTA-E48SH05020NKFH Datasheet
879Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SH05020NMFA DELTA-E48SH05020NMFA Datasheet
879Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SH05020NMFH DELTA-E48SH05020NMFH Datasheet
879Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SH05020NNFA DELTA-E48SH05020NNFA Datasheet
879Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
More results

Description similaire - E48SH05020

FabricantNo de pièceFiches techniqueDescription
logo
Delta Electronics, Inc.
E48SH05020NRFA DELTA-E48SH05020NRFA Datasheet
879Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SH2R535 DELTA-E48SH2R535 Datasheet
795Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/35A out
E48SH1R250NRFA DELTA-E48SH1R250NRFA Datasheet
1,001Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SH1R840NRFA DELTA-E48SH1R840NRFA Datasheet
810Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/40A out
E48SH12010NRFA DELTA-E48SH12010NRFA Datasheet
549Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/10A out
E48SH1R840 DELTA-E48SH1R840 Datasheet
798Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/40A out
E48SH2R535NRFA DELTA-E48SH2R535NRFA Datasheet
818Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/35A out
E48SH1R050NRFA DELTA-E48SH1R050NRFA Datasheet
1Mb / 14P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.0V/50A out
E48SH1R540NRFA DELTA-E48SH1R540NRFA Datasheet
775Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
E48SH1R250 DELTA-E48SH1R250 Datasheet
1,019Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com