Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT89C51CC03 Fiches technique(PDF) 1 Page - ATMEL Corporation

No de pièce AT89C51CC03
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
Download  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03 Fiches technique(HTML) 1 Page - ATMEL Corporation

  AT89C51CC03_06 Datasheet HTML 1Page - ATMEL Corporation AT89C51CC03_06 Datasheet HTML 2Page - ATMEL Corporation AT89C51CC03_06 Datasheet HTML 3Page - ATMEL Corporation AT89C51CC03_06 Datasheet HTML 4Page - ATMEL Corporation AT89C51CC03_06 Datasheet HTML 5Page - ATMEL Corporation AT89C51CC03_06 Datasheet HTML 6Page - ATMEL Corporation AT89C51CC03_06 Datasheet HTML 7Page - ATMEL Corporation AT89C51CC03_06 Datasheet HTML 8Page - ATMEL Corporation AT89C51CC03_06 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 197 page
background image
Rev. 4182K–CAN–05/06
Features
80C51 Core Architecture
256 Bytes of On-chip RAM
2048 Bytes of On-chip ERAM
64K Bytes of On-chip Flash Memory
– Data Retention: 10 Years at 85°C
– Read/Write Cycle: 100K
2K Bytes of On-chip Flash for Bootloader
2K Bytes of On-chip EEPROM
Read/Write Cycle: 100K
Integrated Power Monitor (POR: PFD) To Supervise Internal Power Supply
14-sources 4-level Interrupts
Three 16-bit Timers/Counters
Full Duplex UART Compatible 80C51
High-speed Architecture
– In Standard Mode:
40 MHz (Vcc 3V to 5.5V, both Internal and external code execution)
60 MHz (Vcc 4.5V to 5.5V and Internal Code execution only)
– In X2 mode (6 Clocks/machine cycle)
20 MHz (Vcc 3V to 5.5V, both Internal and external code execution)
30 MHz (Vcc 4.5V to 5.5V and Internal Code execution only)
Five Ports: 32 + 4 Digital I/O Lines
Five-channel 16-bit PCA with
– PWM (8-bit)
– High-speed Output
– Timer and Edge Capture
Double Data Pointer
21-bit WatchDog Timer (7 Programmable Bits)
A 10-bit Resolution Analog to Digital Converter (ADC) with 8 Multiplexed Inputs
SPI Interface, (PLCC52, VPFP64 and CABGA 64 packages only)
Full CAN Controller
– Fully Compliant with CAN Rev 2.0A and 2.0B
– Optimized Structure for Communication Management (Via SFR)
– 15 Independent Message Objects
– Each Message Object Programmable on Transmission or Reception
– Individual Tag and Mask Filters up to 29-bit Identifier/Channel
– 8-byte Cyclic Data Register (FIFO)/Message Object
– 16-bit Status and Control Register/Message Object
– 16-bit Time-Stamping Register/Message Object
– CAN Specification 2.0 Part A or 2.0 Part B Programmable for Each Message
Object
– Access to Message Object Control and Data Registers Via SFR
– Programmable Reception Buffer Length Up To 15 Message Objects
– Priority Management of Reception of Hits on Several Message Objects at the
Same Time (Basic CAN Feature)
– Priority Management for Transmission
– Message Object Overrun Interrupt
– Supports
– Time Triggered Communication
– Autobaud and Listening Mode
– Programmable Automatic Reply Mode
– 1-Mbit/s Maximum Transfer Rate at 8 MHz
(1) Crystal Frequency in X2 Mode
– Readable Error Counters
– Programmable Link to On-chip Timer for Time Stamping and Network
Synchronization
– Independent Baud Rate Prescaler
– Data, Remote, Error and Overload Frame Handling
1.
At BRP = 1 sampling point will be fixed.
Enhanced 8-bit
MCU with CAN
Controller and
Flash Memory
AT89C51CC03


Numéro de pièce similaire - AT89C51CC03_06

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
AT89C51CC03 ATMEL-AT89C51CC03_03 Datasheet
723Kb / 32P
   CAN Microcontrollers
AT89C51CC03 ATMEL-AT89C51CC03_03 Datasheet
1Mb / 183P
   Enhanced 8-bit MCU with CAN Controller and Flash Memory
AT89C51CC03 ATMEL-AT89C51CC03_08 Datasheet
316Kb / 32P
   CAN Microcontrollers
More results

Description similaire - AT89C51CC03_06

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
AT89C51CC03 ATMEL-AT89C51CC03_03 Datasheet
1Mb / 183P
   Enhanced 8-bit MCU with CAN Controller and Flash Memory
AT89C51CC03 ATMEL-AT89C51CC03 Datasheet
2Mb / 195P
   Enhanced 8-bit MCU with CAN Controller and Flash Memory
T89C51CC01 ATMEL-T89C51CC01 Datasheet
1Mb / 146P
   Enhanced 8-bit MCU with CAN controller and Flash
T89C51CC02_0305 ATMEL-T89C51CC02_0305 Datasheet
1,003Kb / 145P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
AT89C51CC01 ATMEL-AT89C51CC01 Datasheet
1Mb / 170P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC01 ATMEL-T89C51CC01_03 Datasheet
1Mb / 160P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC01 ATMEL-T89C51CC01_08 Datasheet
1Mb / 167P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC02 ATMEL-T89C51CC02_06 Datasheet
1Mb / 156P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash
T89C51CC02 ATMEL-T89C51CC02 Datasheet
1Mb / 154P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash
T89C51CC02 ATMEL-T89C51CC02_08 Datasheet
1Mb / 159P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com