Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NCP3418 Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce NCP3418
Description  Dual Bootstrapped 12 V MOSFET Driver with Output Disable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3418 Fiches technique(HTML) 4 Page - ON Semiconductor

  NCP3418_06 Datasheet HTML 1Page - ON Semiconductor NCP3418_06 Datasheet HTML 2Page - ON Semiconductor NCP3418_06 Datasheet HTML 3Page - ON Semiconductor NCP3418_06 Datasheet HTML 4Page - ON Semiconductor NCP3418_06 Datasheet HTML 5Page - ON Semiconductor NCP3418_06 Datasheet HTML 6Page - ON Semiconductor NCP3418_06 Datasheet HTML 7Page - ON Semiconductor NCP3418_06 Datasheet HTML 8Page - ON Semiconductor NCP3418_06 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NCP3418, NCP3418A
http://onsemi.com
4
NCP3418−SPECIFICATIONS (Note 5) (VCC = 12 V, TA = 0°C to +85°C, TJ = 0°C to +125°C unless otherwise noted.).
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
SUPPLY
Supply Voltage Range
VCC
4.6
13.2
V
Supply Current
BST = 12 V, IN = 0 V
ISYS
2.0
6.0
mA
OD INPUT
Input Voltage High
2.0
V
Input Voltage Low
0.8
V
Input Current
−1.0
+1.0
mA
Propagation Delay Time (Note 6)
See Figure 2
tpdlOD
tpdhOD
40
40
60
60
ns
ns
PWM INPUT
Input Voltage High
2.0
V
Input Voltage Low
0.8
V
Input Current
−1.0
+1.0
mA
HIGH−SIDE DRIVER
Output Resistance,
Sourcing Current
VBST − VSW = 12 V (Note 8)
1.8
3.0
W
Output Resistance,
Sinking Current
VBST − VSW = 12 V (Note 8)
1.0
2.5
W
Transition Times (Note 6)
VBST − VSW = 12 V, CLOAD = 3.0 nF,
See Figure 3
trDRVH
tfDRVH
18
10
25
15
ns
ns
Propagation Delay
(Notes 6 & 7)
VBST − VSW = 12 V
tpdhDRVH
tpdlDRVH
30
25
60
45
ns
ns
LOW−SIDE DRIVER
Output Resistance,
Sourcing Current
VCC = 12 V
(Note 8)
1.8
3.0
W
Output Resistance,
Sinking Current
VCC − VSW = 12 V
(Note 8)
1.0
2.5
W
Transition Times
trDRVL
tfDRVL
CLOAD = 3.0 nF,
See Figure 3
16
11
25
15
ns
ns
Propagation Delay
tpdhDRVL
tpdlDRVL
See Figure 3
30
20
60
30
ns
ns
UNDERVOLTAGE LOCKOUT
UVLO
3.9
4.3
4.6
V
Hysteresis
(Note 8)
0.5
V
THERMAL SHUTDOWN
Over Temperature Protection
(Note 8)
150
170
°C
Hysteresis
(Note 8)
20
°C
5. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC).
6. AC specifications are guaranteed by characterization, but not production tested.
7. For propagation delays, “tpdh’’ refers to the specified signal going high; “tpdl’’ refers to it going low.
8. GBD: Guaranteed by design; not tested in production. Specifications subject to change without notice.


Numéro de pièce similaire - NCP3418_06

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCP3418A ONSEMI-NCP3418A Datasheet
90Kb / 10P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2004 ??Rev. 10
NCP3418A ONSEMI-NCP3418A Datasheet
255Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
April, 2007 -- Rev. 13
NCP3418ADR2 ONSEMI-NCP3418ADR2 Datasheet
90Kb / 10P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2004 ??Rev. 10
NCP3418ADR2 ONSEMI-NCP3418ADR2 Datasheet
255Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
April, 2007 -- Rev. 13
NCP3418ADR2G ONSEMI-NCP3418ADR2G Datasheet
90Kb / 10P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2004 ??Rev. 10
More results

Description similaire - NCP3418_06

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCP3418 ONSEMI-NCP3418 Datasheet
90Kb / 10P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2004 ??Rev. 10
logo
Analog Devices
ADP3650 AD-ADP3650 Datasheet
279Kb / 12P
   Dual, Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. A
ADP3418 AD-ADP3418 Datasheet
326Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. B
logo
ON Semiconductor
ADP3121 ONSEMI-ADP3121 Datasheet
147Kb / 10P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
April, 2009 ??Rev. 0
logo
Analog Devices
ADP3120A AD-ADP3120A Datasheet
292Kb / 16P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
ADP3110A ONSEMI-ADP3110A Datasheet
132Kb / 8P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
August, 2008 ??Rev. 4
logo
Analog Devices
ADP3110 AD-ADP3110 Datasheet
245Kb / 12P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
ADP3418 ONSEMI-ADP3418 Datasheet
308Kb / 13P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
May 2010 ??Rev. 6
NCP3418BDR2G ONSEMI-NCP3418BDR2G Datasheet
255Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
April, 2007 -- Rev. 13
logo
Analog Devices
ADP3120 AD-ADP3120 Datasheet
272Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com