Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDFM1B-2140L-10A Fiches technique(PDF) 1 Page - TOKO, Inc

No de pièce TDFM1B-2140L-10A
Description  TDF series for Mobile & Cordless Phone
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOKO [TOKO, Inc]
Site Internet  http://www.toko.com
Logo TOKO - TOKO, Inc

TDFM1B-2140L-10A Fiches technique(HTML) 1 Page - TOKO, Inc

  TDFM1B-2140L-10A Datasheet HTML 1Page - TOKO, Inc TDFM1B-2140L-10A Datasheet HTML 2Page - TOKO, Inc TDFM1B-2140L-10A Datasheet HTML 3Page - TOKO, Inc TDFM1B-2140L-10A Datasheet HTML 4Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TDF
Series
Chip Dielectric Filters
チップ誘電体フィルタ
SELECTION GUIDE FOR STANDARD DEVICES
• The Part Numbers shown in the table below are standard devices, which
are readily available. TOKO will design and manufacture modified and
custom devices with specific characteristics to meet your requirements.
If you do not find the device for your application in this catalog, please
contact our sales or representative office.
• RoHS compliant
• 下記の表に示す製品番号は、標準品です。TOKOは、お客様のご要望に合わせ設計、
製作いたしますので、お客様の用途に適合する仕様が見当らない場合は、当社営業所
または代理店にご連絡ください。
• RoHS指令対応
TDF series for Mobile & Cordless Phone
東光品番
中心周波数
帯域幅
挿入損失
V.S.W.R.
選択度
外形寸法
用途
個数/リール
TOKO
Center
Bandwidth
Insertion
V.S.W.R.
Selectivity
Dimension (mm)
Part
Frequency
Loss
in BW
Application
Pcs/Reel
Number
(MHz)
(MHz)
(dB) Max.
Max.
(dB) Min. (MHz)
W × L × T (Max.)
TDF2A-836E-10A
836.5
Fo ± 12.5
2.70
2.00
6 (Fo ± 32.5)
5.7 × 9.9 × 2.25
US Cellular
1500
TDF2A-881E-10A
881.5
Fo ± 12.5
2.70
2.00
6 (Fo ± 32.5)
5.7 × 9.4 × 2.25
US Cellular
1500
TDFS8A-904A-11A
904.0
Fo ± 1.0
3.00
2.00
40 (Fo ± 140)
3.2 × 8.5 × 1.8
900M-CT
2000
TDFM2A-915E-10A
915.0
Fo ± 13.0
3.00
2.00
12 (Fo ± 50)
4.5 × 7.7 × 2.25
900M-CT
1500
TDFM2B-915E-10A
915.0
Fo ± 13.0
3.50
2.00
18 (Fo ± 50)
6.5 × 7.9 × 2.25
900M-CT
1500
TDFS1B-915E-10A
915.0
Fo ± 13.0
4.50
2.00
32, 25 (Fo − 77.5, + 77.5)
4.5 × 8.3 × 2.0
900M-CT
1500
TDFS8A-915E-10A
915.0
Fo ± 13.0
3.20
2.00
25, 17 (Fo − 77.5, + 77.5)
3.2 × 8.4 × 1.8
900M-CT
1500
TDFM1A-930A-12A
930.5
Fo ± 1.5
3.50
2.00
40 (Fo − 90)
4.5 × 7.5 × 2.0
PAGER
1500
TDFH5C-942G-11A-02
942.5
Fo ± 17.5
4.00
2.00
20 (Fo − 27.5)
11.5 × 8.4 × 5.5
EGSM
500
TDFM2A-1090C-11A
1090.0
Fo ± 7.0
5.50
2.50
35, 33 (Fo ± 80)
4.5 × 7.6 × 2.25
CATV
1500
TDFM1B-1747O-11A
1747.5
Fo ± 37.5
3.00
2.00
8, 25 (Fo ± 80, ± 160)
6.5 × 4.75 × 2.0
PCN
1500
TDFH5D-1842O-10A-01 1842.5
Fo ± 37.5
4.00
2.00
32 (Fo − 57.5)
14.1 × 6.6 × 5.5
PCN
500
TDFM1B-1842O-11A
1842.5
Fo ± 37.5
3.00
2.00
8, 25 (Fo ± 80, ± 160)
6.5 × 4.5 × 2.0
PCN
1500
TDFM1B-1880L-11A
1880.0
Fo ± 30.0
3.00
2.00
34, 39 (Fo ± 190, ± 240)
6.5 × 4.4 × 2.0
PCS
2000
TDFM3C-1880L-11A
1880.0
Fo ± 30.0
4.00
2.00
12 (Fo + 50)
9.0 × 6.8 × 2.8
PCS
1500
TDF3B-1900H-11A
1900.0
Fo ± 20.0
1.10
1.80
20 (Fo − 480, + 210)
6.5 × 5.3 × 3.0
PHS
1500
TDFM3A-1900H-10A
1900.0
Fo ± 20.0
1.70
1.60
12, 20 (Fo − 140, + 241)
4.5 × 3.8 × 2.8
PHS
2000
TDF3A-1907E-18A
1907.0
Fo ± 12.5
0.75
1.50
45, 15 (Fo − 486, − 237)
5.7 × 6.1 × 3.0
PHS
2000
TDF3A-1907E-19A
1907.0
Fo ± 12.5
0.65
1.50
35, 13 (Fo − 486, − 237)
5.7 × 5.9 × 3.0
PHS
2000
TDF3A-1907E-21A-01
1907.0
Fo ± 13.5
1.00
1.60
40 (Fo − 248)
5.7 × 6.25 × 2.9
PHS
2000
TDFM3A-1907E-10A
1907.0
Fo ± 12.5
1.00
1.50
40, 20 (Fo − 486, − 237)
4.5 × 3.8 × 2.8
PHS
2000
TDFM3A-1907E-11A
1907.0
Fo ± 12.0
1.60
1.50
35, 40 (Fo − 486, − 237)
4.5 × 3.8 × 2.8
PHS
2000
TDFM1B-1920V-10A
1920.0
Fo ± 70.0
2.00
2.00
25, 25 (Fo − 350, + 780)
6.5 × 4.1 × 2.0
PCS
2000
TDFM1B-1950L-10A-01 1950.0
Fo ± 30.0
3.30
2.00
25 (Fo − 230, + 160)
6.5 × 4.2 × 2.0
W-CDMA
2000
TDFH5D-1960L-11A-01 1960.0
Fo ± 30.0
4.00
2.00
32 (Fo − 50)
14.1 × 6.1 × 5.5
PCS
500
TDFM1B-1960L-11A
1960.0
Fo ± 30.0
3.00
2.00
34, 39 (Fo ± 190, ± 240)
6.5 × 4.2 × 2.0
PCS
2000
TDFM3B-1960L-13A
1960.0
Fo ± 30.0
3.30
2.00
20 (1850~1910)
6.5 × 6.0 × 2.8
PCS
1500
TDFM3C-1960L-10A
1960.0
Fo ± 30.0
4.00
2.00
12 (Fo − 50)
9.0 × 6.4 × 2.8
PCS
1500
TDFM1B-2140L-10A
2140.0
Fo ± 30.0
3.30
2.00
25 (Fo ± 160)
6.5 × 5.85 × 2.0
W-CDMA
1500
入出力インピーダンス/Input Output impedance : 50Ω


Numéro de pièce similaire - TDFM1B-2140L-10A

FabricantNo de pièceFiches techniqueDescription
logo
TOKO, Inc
TDFM1B-2332E-10A TOKO-TDFM1B-2332E-10A Datasheet
212Kb / 4P
   TDF series for Automotive & Satellite Radio
TDFM1B-2450T-10A TOKO-TDFM1B-2450T-10A Datasheet
210Kb / 4P
   TDF series for Wireless LAN
TDFM1B-2546S-10A TOKO-TDFM1B-2546S-10A Datasheet
210Kb / 4P
   TDF series for Wireless LAN
TDFM1B-2639S-10A TOKO-TDFM1B-2639S-10A Datasheet
210Kb / 4P
   TDF series for Wireless LAN
More results

Description similaire - TDFM1B-2140L-10A

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT9015 HOLTEK-HT9015 Datasheet
206Kb / 23P
   RF Single Chip for Cordless Phone
logo
List of Unclassifed Man...
FVTO321S ETC2-FVTO321S Datasheet
140Kb / 1P
   VOTCXO FOR MOBILE PHONE
logo
Silicon Touch Technolog...
11-MD114 SITI-11-MD114 Datasheet
228Kb / 12P
   Motor Driver for Mobile Phone
logo
MOSDESIGN SEMICONDUCTOR...
M09T MOSDESIGN-M09T Datasheet
146Kb / 2P
   MOBILE PHONE
2012-07-24
logo
Rohm
BU7285GU ROHM-BU7285GU Datasheet
447Kb / 8P
   Serial Interface for Mobile Phone
logo
Silicon Touch Technolog...
11-MD115 SITI-11-MD115 Datasheet
261Kb / 17P
   VCM Driver for Mobile Phone
11-MD215 SITI-11-MD215 Datasheet
209Kb / 10P
   VCM Driver for Mobile Phone
logo
Aimtron Technology
AT5560 AIMTRON-AT5560 Datasheet
331Kb / 10P
   VCM Driver for Mobile Phone
logo
Pulse A Technitrol Comp...
W3008C PULSE-W3008C Datasheet
1Mb / 7P
   Solutions for Mobile Phone Antennas
logo
ELAN Microelectronics C...
EM92600 EMC-EM92600 Datasheet
52Kb / 6P
   DUAL PLL FOR 46/49 MHZ CORDLESS PHONE
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com