Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OP177GS-REEL7 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce OP177GS-REEL7
Description  Ultraprecision Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

OP177GS-REEL7 Fiches technique(HTML) 10 Page - Analog Devices

Back Button OP177GS-REEL7 Datasheet HTML 6Page - Analog Devices OP177GS-REEL7 Datasheet HTML 7Page - Analog Devices OP177GS-REEL7 Datasheet HTML 8Page - Analog Devices OP177GS-REEL7 Datasheet HTML 9Page - Analog Devices OP177GS-REEL7 Datasheet HTML 10Page - Analog Devices OP177GS-REEL7 Datasheet HTML 11Page - Analog Devices OP177GS-REEL7 Datasheet HTML 12Page - Analog Devices OP177GS-REEL7 Datasheet HTML 13Page - Analog Devices OP177GS-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
OP177
Rev. E | Page 10 of 16
PRECISION HIGH GAIN DIFFERENTIAL AMPLIFIER
The high gain, gain linearity, CMRR, and low TCVOS of the
OP177 make it possible to obtain performance not previously
available in single stage, very high gain amplifier applications.
See Figure 27.
For best CMR,
R2
R1
must equal
R4
R3
In this example, with a 10 mV differential signal, the maximum
errors are listed in Table 6.
0.1µF
+15V
R1
1kΩ
R3
1kΩ
R2
1MΩ
0.1µF
–15V
R4
1MΩ
2
3
7
6
4
OP177
+
Figure 27. Precision High Gain Differential Amplifier
Table 6. High Gain Differential Amp Performance
Type
Amount
Common-Mode Voltage
0.1%/V
Gain Linearity, Worst Case
0.02%
TCVOS
0.0003%/°C
TCIOS
0.008%/°C
ISOLATING LARGE CAPACITIVE LOADS
The circuit shown in Figure 28 reduces maximum slew rate but
allows driving capacitive loads of any size without instability.
Because the 100 Ω resistor is inside the feedback loop, its effect
on output impedance is reduced to insignificance by the high
open loop gain of the OP177.
+
OP177
0.1µF
+15V
RS
RF
0.1µF
–15V
2
3
7
6
4
INPUT
100Ω
10pF
CLOAD
OUTPUT
Figure 28. Isolating Capacitive Loads
BILATERAL CURRENT SOURCE
The current sources shown in Figure 29 supply both positive
and negative currents into a grounded load.
Note that
1
3
2
4
5
1
2
4
5
R
R
R
R
R
R
R
R
Z
O
+
+
=
and that for ZO to be infinite
1
3
2
4
5
R
R
must
R
R
R
=
+
PRECISION ABSOLUTE VALUE AMPLIFIER
The high gain and low TCVOS assure accurate operation with
inputs from microvolts to volts. In this circuit, the signal always
appears as a common-mode signal to the op amps (for details,
see Figure 30).


Numéro de pièce similaire - OP177GS-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
OP177GS AD-OP177GS Datasheet
788Kb / 12P
   Ultraprecision Operational Amplifier
REV. B
More results

Description similaire - OP177GS-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
OP177 AD-OP177 Datasheet
788Kb / 12P
   Ultraprecision Operational Amplifier
REV. B
OP177 AD-OP177_15 Datasheet
332Kb / 16P
   Ultraprecision Operational Amplifier
ADR423 AD-ADR423_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com