Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NCP1402 Fiches technique(PDF) 15 Page - ON Semiconductor

No de pièce NCP1402
Description  200 mA, PFM Step?뭊p Micropower Switching Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1402 Fiches technique(HTML) 15 Page - ON Semiconductor

Back Button NCP1402_06 Datasheet HTML 10Page - ON Semiconductor NCP1402_06 Datasheet HTML 11Page - ON Semiconductor NCP1402_06 Datasheet HTML 12Page - ON Semiconductor NCP1402_06 Datasheet HTML 13Page - ON Semiconductor NCP1402_06 Datasheet HTML 14Page - ON Semiconductor NCP1402_06 Datasheet HTML 15Page - ON Semiconductor NCP1402_06 Datasheet HTML 16Page - ON Semiconductor NCP1402_06 Datasheet HTML 17Page - ON Semiconductor NCP1402_06 Datasheet HTML 18Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
NCP1402
http://onsemi.com
15
APPLICATIONS CIRCUIT INFORMATION
1
3
GND
CE
2
OUT
NC
4
LX
5
NCP1402
Figure 59. Typical Application Circuit
VOUT
C2
68
mF
D1
L1
47
mH
C1
10
mF
Vin
Step−up Converter Design Equations
NCP1402 step−up DC−DC converter designed to operate
in continuous conduction mode can be defined by:
Calculation
Equation
L
v M
Vin2
VOUT IOmax
IPK
(Vin * Vs)ton
L
) I min
Imin
(ton ) toff)IO
toff
*
(Vin * VS)ton
2L
toff
(Vin * Vs)ton
(VOUT ) VF * Vin)
DQ
(IL * IO)toff
Vripple
[ DQ
COUT
) (IL * IO)ESR
*NOTES:
IPK
− Peak inductor current
Imin
− Minimum inductor current
IO
− Desired dc output current
IOmax − Desired maximum dc output current
IL
− Average inductor current
Vin
− Nominal operating dc input voltage
VOUT − Desired dc output voltage
VF
− Diode forward voltage
VS
− Saturation voltage of the internal FET switch
DQ
− Charge stores in the COUT during charging up
Vripple − Output ripple voltage
ESR
− Equivalent series resistance of the output capacitor
M
− An empirical factor, when VOUT ≥ 3.0 V,
M = 8 x 10−6, otherwise M = 5.3 x 10−6.
EXTERNAL COMPONENT SELECTION
Inductor
The NCP1402 is designed to work well with a 47
mH
inductor in most applications. 47
mH is a sufficiently low
value to allow the use of a small surface mount coil, but large
enough to maintain low ripple. Low inductance values
supply higher output current, but also increase the ripple and
reduce efficiency. Note that values below 27
mH is not
recommended due to NCP1402 switch limitations. Higher
inductor values reduce ripple and improve efficiency, but
also limit output current.
The inductor should have small DCR, usually less than 1
W to minimize loss. It is necessary to choose an inductor with
saturation current greater than the peak current which the
inductor will encounter in the application.
Diode
The diode is the main source of loss in DC−DC converters.
The most importance parameters which affect their
efficiency are the forward voltage drop, VF, and the reverse
recovery time, trr. The forward voltage drop creates a loss
just by having a voltage across the device while a current
flowing through it. The reverse recovery time generates a
loss when the diode is reverse biased, and the current appears
to actually flow backwards through the diode due to the
minority carriers being swept from the P−N junction. A
Schottky diode with the following characteristics is
recommended:
Small forward voltage, VF < 0.3 V
Small reverse leakage current
Fast reverse recovery time/ switching speed
Rated current larger than peak inductor current,
Irated > IPK
Reverse voltage larger than output voltage,
Vreverse > VOUT
Input Capacitor
The input capacitor can stabilize the input voltage and
minimize peak current ripple from the source. The value of
the capacitor depends on the impedance of the input source
used. Small Equivalent Series Resistance (ESR) Tantalum or
ceramic capacitor with value of 10
mF should be suitable.


Numéro de pièce similaire - NCP1402_06

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCP1402SN19T1 ONSEMI-NCP1402SN19T1 Datasheet
158Kb / 18P
   200 mA, PFM Step-Up Micropower Switching Regulator
November, 2003 ??Rev. 5
NCP1402SN27T1 ONSEMI-NCP1402SN27T1 Datasheet
158Kb / 18P
   200 mA, PFM Step-Up Micropower Switching Regulator
November, 2003 ??Rev. 5
NCP1402SN30T1 ONSEMI-NCP1402SN30T1 Datasheet
158Kb / 18P
   200 mA, PFM Step-Up Micropower Switching Regulator
November, 2003 ??Rev. 5
NCP1402SN33T1 ONSEMI-NCP1402SN33T1 Datasheet
158Kb / 18P
   200 mA, PFM Step-Up Micropower Switching Regulator
November, 2003 ??Rev. 5
NCP1402SN40T1 ONSEMI-NCP1402SN40T1 Datasheet
158Kb / 18P
   200 mA, PFM Step-Up Micropower Switching Regulator
November, 2003 ??Rev. 5
More results

Description similaire - NCP1402_06

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCP1402 ONSEMI-NCP1402 Datasheet
158Kb / 18P
   200 mA, PFM Step-Up Micropower Switching Regulator
November, 2003 ??Rev. 5
NCP1400A ONSEMI-NCP1400A Datasheet
154Kb / 16P
   100 mA, Fixed Frequency PWM Step?뭊p Micropower Switching Regulator
March, 2006 ??Rev. 11
NCP1402 ONSEMI-NCP1402_14 Datasheet
178Kb / 18P
   PFM Step-Up Micropower Switching Regulator
July, 2014 ??Rev. 10
NCP1406 ONSEMI-NCP1406 Datasheet
216Kb / 23P
   25 V/25 mA PFM Step?뭊p DC?묭C Converter
February, 2006 ??Rev. 2
NCP1403 ONSEMI-NCP1403_05 Datasheet
211Kb / 18P
   15 V/50 mA PFM Step?뭊p DC?묭C Converter
December, 2005 ??Rev. 6
logo
Texas Instruments
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
logo
Seiko Instruments Inc
S-8321 SII-S-8321 Datasheet
1Mb / 26P
   SMALL PACKAGE PFM CONTROL STEP-UP SWITCHING REGULATOR
logo
ON Semiconductor
NCP1422 ONSEMI-NCP1422 Datasheet
134Kb / 14P
   800 mA Sync?뭃ect PFM Step?뭊p DC?묭C Converter with True?묬utoff and Ring?묷iller
February, 2006 ??Rev. 3
NCP1423 ONSEMI-NCP1423 Datasheet
154Kb / 13P
   400 mA Sync?뭃ect PFM Step?뭊p DC?묭C Converter with True?묬utoff and Ring?묷iller
October, 2006 ??Rev. 5
logo
Anachip Corp
AP1605 ANACHIP-AP1605 Datasheet
170Kb / 6P
   PWM/PFM Dual-mode Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com