Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8353 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD8353
Description  1 MHz to 2.7 GHz RF Gain Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8353 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD8353 Datasheet HTML 7Page - Analog Devices AD8353 Datasheet HTML 8Page - Analog Devices AD8353 Datasheet HTML 9Page - Analog Devices AD8353 Datasheet HTML 10Page - Analog Devices AD8353 Datasheet HTML 11Page - Analog Devices AD8353 Datasheet HTML 12Page - Analog Devices AD8353 Datasheet HTML 13Page - Analog Devices AD8353 Datasheet HTML 14Page - Analog Devices AD8353 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD8353
Rev. B | Page 11 of 16
35
10
45
25
0
40
20
15
30
5
OUTPUT 1dB COMPRESSION POINT (dBm)
7.0
7.2
7.4
7.8
8.2
8.4
8.6
8.0
8.8
7.6
Figure 27. Distribution of P1dB, VS = 3 V, TA = 25°C, f = 2.2 GHz
FREQUENCY (MHz)
500
1000
1500
2000
2500
20
16
12
3000
26
24
10
18
14
22
0
OIP3 AT 5.0V
OIP3 AT 5.5V
OIP3 AT 4.5V
Figure 28. OIP3 vs. Frequency, VS = 4.5 V, 5 V, and 5.5 V, TA = 27°C
FREQUENCY (MHz)
500
1000
1500
2000
2500
6.5
5.5
4.5
3000
9.0
8.0
4.0
6.0
5.0
7.0
8.5
7.5
0
NF AT 5.0V
NF AT 5.5V
NF AT 4.5V
Figure 29. Noise Figure vs. Frequency, VS = 4.5 V, 5 V, and 5.5 V, TA = 25°C
OIP3 (dBm)
18.8
20.0
10
30
0
20
5
20.4
21.2
21.6
20.8
25
15
19.6
19.2
Figure 30. Distribution of OIP3, VS = 5 V, TA = 25°C, f = 2.2 GHz
FREQUENCY (MHz)
500
1000
1500
2000
2500
20
16
12
3000
26
24
10
18
14
22
0
OIP3 AT +25°C
OIP3 AT +85°C
OIP3 AT –40°C
Figure 31. OIP3 vs. Frequency, VS = 5 V, TA = –40°C, +25°C, and +85°C
FREQUENCY (MHz)
500
1000
1500
2000
2500
7
5
3000
10
9
4
8
6
NF AT +85°C
NF AT +25°C
NF AT –40°C
0
Figure 32. Noise Figure vs. Frequency, VS = 5 V, TA = –40°C, +25°C, and +85°C


Numéro de pièce similaire - AD8353

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8353 AD-AD8353 Datasheet
198Kb / 12P
   100 MHz-2.7 GHz RF Gain Block
REV. 0
AD8353 AD-AD8353 Datasheet
345Kb / 16P
   RF Gain Block
AD8353-EVAL AD-AD8353-EVAL Datasheet
198Kb / 12P
   100 MHz-2.7 GHz RF Gain Block
REV. 0
AD8353-EVALZ AD-AD8353-EVALZ Datasheet
345Kb / 16P
   RF Gain Block
AD8353ACP-REEL7 AD-AD8353ACP-REEL7 Datasheet
198Kb / 12P
   100 MHz-2.7 GHz RF Gain Block
REV. 0
More results

Description similaire - AD8353

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8354 AD-AD8354_05 Datasheet
363Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. C
AD8353 AD-AD8353_15 Datasheet
328Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
Rev. E
AD8354 AD-AD8354_15 Datasheet
339Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
Rev. E
AD8354 AD-AD8354 Datasheet
275Kb / 16P
   100 MHz-2.7 GHz RF Gain Block
REV. A
AD8353 AD-AD8353 Datasheet
198Kb / 12P
   100 MHz-2.7 GHz RF Gain Block
REV. 0
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5611 AD-ADL5611 Datasheet
239Kb / 8P
   30 MHz to 6 GHz RF/IF Gain Block
Rev. PrA
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
logo
Texas Instruments
TRF37A73 TI1-TRF37A73 Datasheet
976Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com