Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD829 Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD829
Description  High Speed, Low Noise Video Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD829 Fiches technique(HTML) 1 Page - Analog Devices

  AD829_04 Datasheet HTML 1Page - Analog Devices AD829_04 Datasheet HTML 2Page - Analog Devices AD829_04 Datasheet HTML 3Page - Analog Devices AD829_04 Datasheet HTML 4Page - Analog Devices AD829_04 Datasheet HTML 5Page - Analog Devices AD829_04 Datasheet HTML 6Page - Analog Devices AD829_04 Datasheet HTML 7Page - Analog Devices AD829_04 Datasheet HTML 8Page - Analog Devices AD829_04 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. G
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2004 Analog Devices, Inc. All rights reserved.
AD829
High Speed, Low Noise
Video Op Amp
FEATURES
High Speed
120 MHz Bandwidth, Gain = –1
230 V/ s Slew Rate
90 ns Settling Time to 0.1%
Ideal for Video Applications
0.02% Differential Gain
0.04 Differential Phase
Low Noise
1.7 nV/
√Hz Input Voltage Noise
1.5 pA/
√Hz Input Current Noise
Excellent DC Precision
1 mV Max Input Offset Voltage (Over Temp)
0.3 mV/ C Input Offset Drift
Flexible Operation
Specified for
5 V to
15 V Operation
3 V Output Swing into a 150
Load
External Compensation for Gains 1 to 20
5 mA Supply Current
Available in Tape and Reel in Accordance with
EIA-481A Standard
CONNECTION DIAGRAMS
8-Lead
PDIP(N), Cerdip (Q), and SOIC (R) Packages
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
OFFSET NULL
CCOMP
AD829
–IN
+IN
–VS
+VS
OUTPUT
OFFSET NULL
20-Lead LCC Pinout
20 19
1
2
3
18
14
15
16
17
4
5
6
7
8
910 11 1213
TOP VIEW
(Not to Scale)
AD829
NC
+V
NC
OUTPUT
NC
NC = NO CONNECT
NC
–IN
NC
+IN
NC
GENERAL DESCRIPTION
The AD829 is a low noise (1.7 nV/
√Hz), high speed op amp
with custom compensation that provides the user with gains of
±1 to ±20 while maintaining a bandwidth greater than 50 MHz.
The AD829’s 0.04
° differential phase and 0.02% differential
gain performance at 3.58 MHz and 4.43 MHz, driving reverse-
terminated 50
Ω or 75 Ω cables, makes it ideally suited for
professional video applications. The AD829 achieves its 230 V/
µs
uncompensated slew rate and 750 MHz gain bandwidth while
requiring only 5 mA of current from power supplies.
The AD829’s external compensation pin gives it exceptional
versatility. For example, compensation can be selected to
optimize the bandwidth for a given load and power supply voltage.
As a gain-of-two line driver, the –3 dB bandwidth can be increased
to 95 MHz at the expense of 1 dB of peaking. The AD829’s
output can also be clamped at its external compensation pin.
The AD829 exhibits excellent dc performance. It offers a mini-
mum open-loop gain of 30 V/mV into loads as low as 500
Ω,
low input voltage noise of 1.7 nV/
√Hz, and a low input offset
voltage of 1 mV maximum. Common-mode rejection and power
supply rejection ratios are both 120 dB.
This op amp is also useful in multichannel, high speed data
conversion where its fast (90 ns to 0.1%) settling time is impor-
tant. In such applications, the AD829 serves as an input buffer
for 8-bit to 10-bit A/D converters and as an output I/V con-
verter for high speed DACs.
Operating as a traditional voltage feedback amplifier, the AD829
provides many of the advantages a transimpedance amplifier
offers. A bandwidth greater than 50 MHz can be maintained for
a range of gains through the replacement of the external com-
pensation capacitor. The AD829 and the transimpedance
amplifier are both unity gain stable and provide similar voltage
noise performance (1.7 nV/
√Hz); however, the current noise of
the AD829 (1.5 pA/
√Hz) is less than 10% of the noise of
transimpedance amps. The inputs of the AD829 are symmetrical.
PRODUCT HIGHLIGHTS
1. Input voltage noise of 2 nV/
√Hz, current noise of 1.5 pA/√Hz,
and 50 MHz bandwidth, for gains of 1 to 20, make the AD829
an ideal preamp.
2. Differential phase error of 0.04
° and a 0.02% differential
gain error, at the 3.58 MHz NTSC and 4.43 MHz PAL and
SECAM color subcarrier frequencies, make the op amp an
outstanding video performer for driving reverse-terminated
50
Ω and 75 Ω cables to ±1 V (at their terminated end).
3. The AD829 can drive heavy capacitive loads.
4. Performance is fully specified for operation from
±5 V to
±15 V supplies.
5. The AD829 is available in plastic, CERDIP, and small outline
packages. Chips and MIL-STD-883B parts are also available.
The SOIC-8 package is available for the extended tempera-
ture range of –40
°C to +125°C.


Numéro de pièce similaire - AD829_04

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8290 AD-AD8290 Datasheet
541Kb / 20P
   G = 50, CMOS Sensor Amplifier with Current Excitation
REV. B
AD8290 AD-AD8290 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8290 AD-AD8290 Datasheet
378Kb / 20P
   Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
AD8290 AD-AD8290 Datasheet
529Kb / 28P
   Wide Supply Range, Micropower,
REV. 0
AD8290 AD-AD8290 Datasheet
805Kb / 28P
   Wide Supply Range, Rail-to-Rail
REV. 0
More results

Description similaire - AD829_04

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD829JNZ AD-AD829JNZ Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829 Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
AD829 AD-AD829_15 Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829_17 Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
AD829 AD-AD829_11 Datasheet
385Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD8022 AD-AD8022_05 Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
logo
Linear Technology
LT1007 LINER-LT1007_09 Datasheet
75Kb / 2P
   Low Noise, High Speed Precision Op Amp
logo
Analog Devices
AD8022 AD-AD8022_15 Datasheet
527Kb / 17P
   Dual High Speed, Low Noise Op Amp
REV. C
logo
Linear Technology
RH37C LINER-RH37C_15 Datasheet
106Kb / 2P
   Low Noise, High Speed Precision Op Amp
OP227EN LINER-OP227EN Datasheet
2Mb / 12P
   Dual Matched Low Noise Precision Op Amp and Dual High Speed Low Noise Prescision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com