Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BYM36F Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce BYM36F
Description  Fast soft-recovery controlled avalanche rectifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYM36F Fiches technique(HTML) 3 Page - NXP Semiconductors

  BYM36F Datasheet HTML 1Page - NXP Semiconductors BYM36F Datasheet HTML 2Page - NXP Semiconductors BYM36F Datasheet HTML 3Page - NXP Semiconductors BYM36F Datasheet HTML 4Page - NXP Semiconductors BYM36F Datasheet HTML 5Page - NXP Semiconductors BYM36F Datasheet HTML 6Page - NXP Semiconductors BYM36F Datasheet HTML 7Page - NXP Semiconductors BYM36F Datasheet HTML 8Page - NXP Semiconductors BYM36F Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
1996 Sep 18
3
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYM36 series
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
IFRM
repetitive peak forward current
Ttp =55 °C; see Figs 8; 9 and 10
BYM36A to C
37
A
BYM36D and E
33
A
BYM36F and G
27
A
IFRM
repetitive peak forward current
Tamb =65 °C; see Figs 11; 12 and 13
BYM36A to C
13
A
BYM36D and E
11
A
BYM36F and G
10
A
IFSM
non-repetitive peak forward current
t = 10 ms half sine wave; Tj =Tj max
prior to surge; VR =VRRMmax
65
A
ERSM
non-repetitive peak reverse
avalanche energy
L = 120 mH; Tj =Tj max prior to surge;
inductive load switched off
10
mJ
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
see Figs 17 and 18
−65
+175
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF
forward voltage
IF = 3 A; Tj =Tj max;
see Figs 19; 20 and 21
BYM36A to C
−−
1.22
V
BYM36D and E
−−
1.28
V
BYM36F and G
−−
1.24
V
VF
forward voltage
IF =3A;
see Figs 19; 20 and 21
BYM36A to C
−−
1.60
V
BYM36D and E
−−
1.78
V
BYM36F and G
−−
1.57
V
V(BR)R
reverse avalanche breakdown
voltage
IR = 0.1 mA
BYM36A
300
−−
V
BYM36B
500
−−
V
BYM36C
700
−−
V
BYM36D
900
−−
V
BYM36E
1100
−−
V
BYM36F
1300
−−
V
BYM36G
1500
−−
V
IR
reverse current
VR =VRRMmax; see Fig.22
−−
5
µA
VR =VRRMmax;
Tj = 165 °C; see Fig.22
−−
150
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT


Numéro de pièce similaire - BYM36F

FabricantNo de pièceFiches techniqueDescription
logo
Galaxy Semi-Conductor H...
BYM36F BILIN-BYM36F Datasheet
67Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
BYM36F LUGUANG-BYM36F Datasheet
172Kb / 2P
   Fast Recovery Rectifiers
logo
Diode Semiconductor Kor...
BYM36F DSK-BYM36F Datasheet
286Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
New Jersey Semi-Conduct...
BYM36F NJSEMI-BYM36F Datasheet
200Kb / 3P
   Fast soft-recovery controlled avalanche rectifiers
logo
Galaxy Semi-Conductor H...
BYM36FZ BILIN-BYM36FZ Datasheet
67Kb / 2P
   FAST RECOVERY RECTIFIERS
More results

Description similaire - BYM36F

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BYV36 PHILIPS-BYV36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jul 01
BYW95 PHILIPS-BYW95 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD31 PHILIPS-BYD31 Datasheet
59Kb / 9P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
BYD37 PHILIPS-BYD37 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1999 Nov 16
BYD52 PHILIPS-BYD52 Datasheet
51Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 03
BYV96 PHILIPS-BYV96 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD33 PHILIPS-BYD33 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
logo
New Jersey Semi-Conduct...
BYW95 NJSEMI-BYW95 Datasheet
141Kb / 2P
   Fast soft-recovery controlled avalanche rectifiers
logo
NXP Semiconductors
BYD53 PHILIPS-BYD53 Datasheet
81Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 04
BYM26 PHILIPS-BYM26 Datasheet
70Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 May 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com