Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8370AREZ1 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD8370AREZ1
Description  LF to 750 MHz, Digitally Controlled VGA
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8370AREZ1 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD8370AREZ1 Datasheet HTML 7Page - Analog Devices AD8370AREZ1 Datasheet HTML 8Page - Analog Devices AD8370AREZ1 Datasheet HTML 9Page - Analog Devices AD8370AREZ1 Datasheet HTML 10Page - Analog Devices AD8370AREZ1 Datasheet HTML 11Page - Analog Devices AD8370AREZ1 Datasheet HTML 12Page - Analog Devices AD8370AREZ1 Datasheet HTML 13Page - Analog Devices AD8370AREZ1 Datasheet HTML 14Page - Analog Devices AD8370AREZ1 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD8370
Rev. A | Page 11 of 28
0
10
20
30
40
50
60
70
80
FREQUENCY (MHz)
10
100
1000
HG32, HG127
LG32, LG127
Figure 28. Common-Mode Rejection Ratio vs. Frequency
0
2
4
8
10
12
6
210
310
10
110
410
510
610
FREQUENCY (MHz)
HG18
HG127
LG127
Figure 29. Input Referred Noise Spectral Density vs.
Frequency at Various Gains
TIME (2ns/DIV)
GND
DIFFERENTIAL VIN
DIFFERENTIAL VOUT
VOPLO
VOPHI
Figure 30. DC-Coupled Large Signal Pulse Response
PWUP (2V/DIV)
TIME (40ns/DIV)
GND
ZERO
INPUT = –30dBm, 70MHz 100 AVERAGES
GAIN CODE HG127
DIFFERENTIAL OUTPUT (50mV/DIV)
Figure 31. PWUP Time Domain Response
LTCH (2V/DIV)
TIME (20ns/DIV)
GND
ZERO
INPUT = –30dBm, 70MHz
NO AVERAGING
6dB GAIN STEP (HG36 TO LG127)
DIFFERENTIAL OUTPUT (10mV/DIV)
Figure 32. Gain Step Time Domain Response
TIME (2ns/DIV)
GND
VOUT DIFFERENTIAL
Figure 33. Overdrive Recovery


Numéro de pièce similaire - AD8370AREZ1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8370AREZ AD-AD8370AREZ Datasheet
774Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. B
AD8370AREZ-RL7 AD-AD8370AREZ-RL7 Datasheet
774Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. B
More results

Description similaire - AD8370AREZ1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8370 AD-AD8370_15 Datasheet
774Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. B
AD8370-EVALZ AD-AD8370-EVALZ Datasheet
774Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. B
AD8370ARE AD-AD8370ARE Datasheet
1Mb / 28P
   LF to 750 MHz Digitally Controlled VGA
REV. 0
AD8369 AD-AD8369 Datasheet
968Kb / 24P
   45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
AD8369 AD-AD8369_15 Datasheet
809Kb / 24P
   45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
AD8369ARUZ AD-AD8369ARUZ Datasheet
809Kb / 24P
   45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
ADL5243 AD-ADL5243 Datasheet
1Mb / 32P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
REV. A
ADL5240 AD-ADL5240_13 Datasheet
1Mb / 28P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
ADL5240 AD-ADL5240 Datasheet
1Mb / 24P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
REV. 0
AD8369 AD-AD8369_17 Datasheet
856Kb / 24P
   45 dB Digitally Controlled VGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com