Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8354ACP-REEL7 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD8354ACP-REEL7
Description  1 MHz to 2.7 GHz RF Gain Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8354ACP-REEL7 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD8354ACP-REEL7 Datasheet HTML 6Page - Analog Devices AD8354ACP-REEL7 Datasheet HTML 7Page - Analog Devices AD8354ACP-REEL7 Datasheet HTML 8Page - Analog Devices AD8354ACP-REEL7 Datasheet HTML 9Page - Analog Devices AD8354ACP-REEL7 Datasheet HTML 10Page - Analog Devices AD8354ACP-REEL7 Datasheet HTML 11Page - Analog Devices AD8354ACP-REEL7 Datasheet HTML 12Page - Analog Devices AD8354ACP-REEL7 Datasheet HTML 13Page - Analog Devices AD8354ACP-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8354
Rev. C | Page 10 of 16
FREQUENCY (MHz)
500
3000
1000
1500
2000
2500
25
5
0
10
15
20
GAIN AT 5.0V
GAIN AT 4.5V
GAIN AT 5.5V
0
Figure 21. Gain vs. Frequency, VS = 4.5 V, 5 V, and 5.5 V, TA = 25°C
FREQUENCY (MHz)
–40
500
1000
S12 AT 4.5V
S12 AT 5.0V
–35
–30
–25
–20
–15
–10
–5
0
1500
2000
2500
3000
0
S12 AT 5.5V
Figure 22. Reverse Isolation vs. Frequency, VS = 4.5 V, 5 V, and 5.5 V, TA = 25°C
0
1
2
3
4
5
6
7
FREQUENCY (MHz)
500
1000
1500
2000
2500
3000
0
P1dB AT 5.5V
P1dB AT 5.0V
P1dB AT 4.5V
Figure 23. P1dB vs. Frequency, VS = 4.5 V, 5 V, and 5.5 V, TA = 25°C
FREQUENCY (MHz)
0
500
25
20
15
10
5


1500
2000
2500
3000
0
1000
GAIN AT –40°C
GAIN AT +25°C
GAIN AT +85°C
Figure 24. Gain vs. Frequency, VS = 5 V, TA = −40°C, +25°C, and +85°C
FREQUENCY (MHz)
500
–30
–25
–20
–15
–10
–5
0
1000
S12 AT –40°C
S12 AT +85°C
S12 AT +25°C
1500
2000
2500
3000
0
–35
–40
Figure 25. Reverse Isolation vs. Frequency, VS = 5 V, TA = −40°C, +25°C, and +85°C
0
1
2
3
4
5
6
FREQUENCY (MHz)
500
1000
1500
2000
2500
3000
0
P1dB AT +25°C
P1dB AT +85°C
P1dB AT –40°C
Figure 26. P1dB vs. Frequency, VS = 5 V, TA = –40°C, +25°C, and +85°C


Numéro de pièce similaire - AD8354ACP-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8354ACP-REEL7 AD-AD8354ACP-REEL7 Datasheet
275Kb / 16P
   100 MHz-2.7 GHz RF Gain Block
REV. A
More results

Description similaire - AD8354ACP-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8353 AD-AD8353_05 Datasheet
349Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. B
AD8353 AD-AD8353_15 Datasheet
328Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
Rev. E
AD8354 AD-AD8354_15 Datasheet
339Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
Rev. E
AD8354 AD-AD8354 Datasheet
275Kb / 16P
   100 MHz-2.7 GHz RF Gain Block
REV. A
AD8353 AD-AD8353 Datasheet
198Kb / 12P
   100 MHz-2.7 GHz RF Gain Block
REV. 0
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5611 AD-ADL5611 Datasheet
239Kb / 8P
   30 MHz to 6 GHz RF/IF Gain Block
Rev. PrA
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
logo
Texas Instruments
TRF37A73 TI1-TRF37A73 Datasheet
976Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com