Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BYM56 Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce BYM56
Description  Controlled avalanche rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYM56 Fiches technique(HTML) 7 Page - NXP Semiconductors

  BYM56 Datasheet HTML 1Page - NXP Semiconductors BYM56 Datasheet HTML 2Page - NXP Semiconductors BYM56 Datasheet HTML 3Page - NXP Semiconductors BYM56 Datasheet HTML 4Page - NXP Semiconductors BYM56 Datasheet HTML 5Page - NXP Semiconductors BYM56 Datasheet HTML 6Page - NXP Semiconductors BYM56 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
1996 May 24
7
Philips Semiconductors
Product specification
Controlled avalanche rectifiers
BYM56 series
PACKAGE OUTLINE
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
DEFINITIONS
Data sheet status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.
handbook, full pagewidth
MBC049
,

,

4.5
max
ka
28 min
28 min
5.0 max
1.35
max
Dimensions in mm.
Fig.11 SOD64.


Numéro de pièce similaire - BYM56

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
BYM56A EIC-BYM56A Datasheet
177Kb / 2P
   CONTROLLED AVALANCHE RECTIFIER DIODES
Rev. 02: October 8, 2012
BYM56B EIC-BYM56B Datasheet
177Kb / 2P
   CONTROLLED AVALANCHE RECTIFIER DIODES
Rev. 02: October 8, 2012
logo
Gulf Semiconductor
BYM56C GULFSEMI-BYM56C Datasheet
70Kb / 2P
   SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.5A
logo
EIC discrete Semiconduc...
BYM56C EIC-BYM56C Datasheet
177Kb / 2P
   CONTROLLED AVALANCHE RECTIFIER DIODES
Rev. 02: October 8, 2012
BYM56D EIC-BYM56D Datasheet
177Kb / 2P
   CONTROLLED AVALANCHE RECTIFIER DIODES
Rev. 02: October 8, 2012
More results

Description similaire - BYM56

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BYW54 PHILIPS-BYW54 Datasheet
46Kb / 7P
   Controlled avalanche rectifiers
1996 Oct 03
BAS11 PHILIPS-BAS11 Datasheet
42Kb / 7P
   Controlled avalanche rectifiers
1996 Sep 26
1N5059 PHILIPS-1N5059 Datasheet
74Kb / 7P
   Controlled avalanche rectifiers
1996 Jun 19
logo
Shenzhen Taychipst Elec...
BYG50D TAYCHIPST-BYG50D Datasheet
4Mb / 3P
   Controlled avalanche rectifiers
logo
NXP Semiconductors
BYD11 PHILIPS-BYD11 Datasheet
46Kb / 7P
   Controlled avalanche rectifiers
1996 Sep 26
BYG50 PHILIPS-BYG50 Datasheet
41Kb / 6P
   Controlled avalanche rectifiers
1996 May 24
logo
New Jersey Semi-Conduct...
BYW54 NJSEMI-BYW54 Datasheet
136Kb / 2P
   Controlled avalanche rectifiers
logo
Shenzhen Taychipst Elec...
BYD13D TAYCHIPST-BYD13D Datasheet
3Mb / 3P
   Controlled avalanche rectifiers
logo
NXP Semiconductors
BYD12 PHILIPS-BYD12 Datasheet
49Kb / 8P
   Controlled avalanche rectifiers
1998 Dec 03
BYD13 PHILIPS-BYD13 Datasheet
39Kb / 7P
   Controlled avalanche rectifiers
1996 May 24
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com