Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BYM357X Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce BYM357X
Description  Damper-Modulator fast, high-voltage
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYM357X Fiches technique(HTML) 6 Page - NXP Semiconductors

  BYM357X Datasheet HTML 1Page - NXP Semiconductors BYM357X Datasheet HTML 2Page - NXP Semiconductors BYM357X Datasheet HTML 3Page - NXP Semiconductors BYM357X Datasheet HTML 4Page - NXP Semiconductors BYM357X Datasheet HTML 5Page - NXP Semiconductors BYM357X Datasheet HTML 6Page - NXP Semiconductors BYM357X Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Philips Semiconductors
Product specification
Damper-Modulator
BYM357X
fast, high-voltage
MECHANICAL DATA
Dimensions in mm
Net Mass: 2 g
Fig.12. SOT186A; The seating plane is electrically isolated from all terminals.
Notes
1. Refer to mounting instructions for F-pack envelopes.
2. Epoxy meets UL94 V0 at 1/8".
10.3
max
3.2
3.0
4.6
max
2.9 max
2.8
seating
plane
6.4
15.8
max
0.6
2.5
2.54
5.08
12
3
3 max.
not tinned
3
0.5
2.5
0.9
0.7
M
0.4
15.8
max.
19
max.
13.5
min.
Recesses (2x)
2.5
0.8 max. depth
1.0 (2x)
1.3
February 2000
6
Rev 1.100


Numéro de pièce similaire - BYM357X

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BYM357DX PHILIPS-BYM357DX Datasheet
51Kb / 7P
   Damper-Modulator fast, high-voltage
February 2000 Rev 1.100
More results

Description similaire - BYM357X

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BYM357DX PHILIPS-BYM357DX Datasheet
51Kb / 7P
   Damper-Modulator fast, high-voltage
February 2000 Rev 1.100
BYM358DX PHILIPS-BYM358DX Datasheet
54Kb / 7P
   Damper-Modulator fast, high-voltage
March 2000 Rev 1.000
BYM358X PHILIPS-BYM358X Datasheet
50Kb / 7P
   Damper-Modulator fast, high-voltage
March 2000 Rev 1.000
BY329X-1500 PHILIPS-BY329X-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY359F-1500 PHILIPS-BY359F-1500 Datasheet
37Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.300
BY459-1500 PHILIPS-BY459-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY559X-1500U PHILIPS-BY559X-1500U Datasheet
20Kb / 4P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
logo
Frontier Electronics.
BY329X-1500 FRONTIER-BY329X-1500 Datasheet
62Kb / 2P
   DAMPER DIODE FAST , HIGH VOLTAGE
logo
NXP Semiconductors
BY559-1500U PHILIPS-BY559-1500U Datasheet
15Kb / 3P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY459-1500 PHILIPS-BY459-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com