Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NCP100 Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce NCP100
Description  Sub 1.0 V Precision Adjustable Shunt Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP100 Fiches technique(HTML) 4 Page - ON Semiconductor

  NCP100_06 Datasheet HTML 1Page - ON Semiconductor NCP100_06 Datasheet HTML 2Page - ON Semiconductor NCP100_06 Datasheet HTML 3Page - ON Semiconductor NCP100_06 Datasheet HTML 4Page - ON Semiconductor NCP100_06 Datasheet HTML 5Page - ON Semiconductor NCP100_06 Datasheet HTML 6Page - ON Semiconductor NCP100_06 Datasheet HTML 7Page - ON Semiconductor NCP100_06 Datasheet HTML 8Page - ON Semiconductor NCP100_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NCP100
http://onsemi.com
4
R1
Vin
VKA
R1
Figure 3. General Test Circuit
100 k
CL
IK
VREF
Vin
VKA
10 k
R2
22
mF
IK
VREF
Figure 4. Test Circuit for Reference Input Voltage
Change vs. Cathode Voltage
1.0 k
+
1.0 k
VKA
R1
100 k
CL
IK
Output
100 k
IK
1.0 k
110 k
Figure 5. Test Circuit for Dynamic Impedance vs.
Frequency
+
0.01
mF
22
mF 0.1 mF
50 k
+
Input
Figure 6. Test Circuit for Spectral Noise Density
Figure 7. Reference Input Voltage Change vs.
Ambient Temperature
Figure 8. Cathode Voltage Change vs.
Ambient Temperature
TA, TEMPERATURE (C°)
−25
−50
25
075
50
125
100
TA, TEMPERATURE (C°)
−25
−50
25
075
50
125
100
−1.0
0
1.0
−1.0
0
2.0
1.0
−2.0
VKA = 0.9 V
VKA = 6.0 V
VKA = 1.0 V
IK = 250 mA
f
v 1.0 kHz
CL = 22 mF
Figure 3
VKA = 0.9 V
VKA = 6.0 V
VKA = 1.0 V
IK = 250 mA
f
v 1.0 kHz
CL = 22 mF
Figure 3
VKA = 6.0 V
VKA = 0.9 V
+
+


Numéro de pièce similaire - NCP100_06

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCP1000 ONSEMI-NCP1000 Datasheet
115Kb / 16P
   Integrated Off-Line Switching Regulator
December, 2003 ??Rev. 7
NCP1000 ONSEMI-NCP1000 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1000 ONSEMI-NCP1000 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1000P ONSEMI-NCP1000P Datasheet
115Kb / 16P
   Integrated Off-Line Switching Regulator
December, 2003 ??Rev. 7
NCP1000P ONSEMI-NCP1000P Datasheet
126Kb / 14P
   Integrated Off?묹ine Switching Regulator
February, 2006 ??Rev. 8
More results

Description similaire - NCP100_06

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCP100 ONSEMI-NCP100 Datasheet
103Kb / 10P
   Sub 1.0 V Precision Adjustable Shunt Regulator
July, 2004 ??Rev. 8
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com