Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NCP100 Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce NCP100
Description  Sub 1.0 V Precision Adjustable Shunt Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP100 Fiches technique(HTML) 6 Page - ON Semiconductor

Back Button NCP100_06 Datasheet HTML 2Page - ON Semiconductor NCP100_06 Datasheet HTML 3Page - ON Semiconductor NCP100_06 Datasheet HTML 4Page - ON Semiconductor NCP100_06 Datasheet HTML 5Page - ON Semiconductor NCP100_06 Datasheet HTML 6Page - ON Semiconductor NCP100_06 Datasheet HTML 7Page - ON Semiconductor NCP100_06 Datasheet HTML 8Page - ON Semiconductor NCP100_06 Datasheet HTML 9Page - ON Semiconductor NCP100_06 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NCP100
http://onsemi.com
6
f
≤1.0 kHz
CL = 3.3 mF
Figure 3
696
697
50
250
100
150
200
Figure 15. Reference Voltage vs. Cathode Current
for VKA = 1.0 V
IK, CATHODE CURRENT (mA)
300
698
= 25
°C
= 70
°C
= 85
°C = 105°C
TA = −40°C
696
700
50
250
100
150
200
Figure 16. Reference Voltage vs. Cathode Current
for VKA = 6.0 V
IK, CATHODE CURRENT (mA)
300
704
708
692
f
≤ 1.0 kHz
CL = 22 mF
Figure 3
= 25
°C
= 70
°C = 85°C
= 105
°C
TA = −40°C
f
≤ 1.0 kHz
Figure 3
CL = 22 mF
690
702
0
2.0
4.0
6.0
Figure 17. Reference Voltage vs. Cathode Current
VKA, CATHODE VOLTAGE (V)
714
= 25
°C
= 70
°C
= 85
°C
= 105
°C
= −40
°C
694
698
706
710
TA = −40°C
0
600
10
100
1.0 k
10 k
Figure 18. Spectral Noise Density
FREQUENCY (Hz)
200
400
800
1000
100 k
1.0
4.0
1.0
10
100
Figure 19. Stability Boundary Conditions
CL, LOAD CAPACITANCE (mF)
2.0
3.0
5.0
6.0
VKA = 1.0 V
IK = 10 mA
CL = 3.3 mF
TA = 25°C
Figure 6
0
UNSTABLE
OPERATION
STABLE
OPERATION
IK = 0.08 mA to 30 mA
CESR ≤ 4.0 W
TA = −40°C to 85°C
Figure 20. Turn−On Time
t, TURN−ON TIME (
ms)
0
0
IK = 10 mA
CL = 3.3 mF
TA = 25°C
0
200
400
600
800
1000
1200
1400 1600
2.0
0.5
1.0
NON−OPERATIONAL


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
CAT102_05 Precision Adjustable Shunt Regulator 1  2  3  4  5  More Catalyst Semiconductor
TL432 Low Voltage 1.24V Adjustable Precision Shunt Regulator 1  2  3  4  5  HTC Korea TAEJIN Technology Co.
SPX431A Precision Adjustable Shunt Regulator 1  2  3  4  5  More Sipex Corporation
LM2575_05 1.0 A Adjustable Output Voltage Step−Down Switching Regulator 1  2  3  4  5  More ON Semiconductor
AMC431 PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE 1  2  3  4  5  More List of Unclassifed Manufacturers
CS5201-1 1.0 A Adjustable Linear Regulator 1  2  3  4  5  More ON Semiconductor
TL432 1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS 1  2  3  Unisonic Technologies
TL432C 1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS 1  2  3  Unisonic Technologies
TLVH432_07 LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS 1  2  3  4  5  More Texas Instruments
LM317 3-Terminal Positive Adjustable Regulator 1  2  3  4  5  Fairchild Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn