Moteur de recherche de fiches techniques de composants électroniques |
|
NBSG11MNR2G Fiches technique(PDF) 2 Page - ON Semiconductor |
|
NBSG11MNR2G Fiches technique(HTML) 2 Page - ON Semiconductor |
2 / 12 page NBSG11 http://onsemi.com 2 Figure 1. BGA−16 Pinout (Top View) VTCLK CLK CLK VEE VTCLK NC VEE NC NC Q1 VCC VCC NC Q0 Q0 Q1 A B C D 12 3 4 VEE NC NC VCC VEE NC NC VCC Q0 Q0 Q1 Q1 VTCLK CLK CLK VTCLK 56 7 8 16 15 14 13 12 11 10 9 1 2 3 4 NBSG11 Exposed Pad (EP) Figure 2. QFN−16 Pinout (Top View) Table 1. PIN DESCRIPTION Pin Name I/O Description BGA QFN D1 1 VTCLK − Internal 50 W Termination Pin. See Table 2. C1 2 CLK ECL, CML, LVCMOS, LVDS, LVTTL Input Inverted Differential Input. Internal 75 k W to VEE and 36.5 kW to VCC. B1 3 CLK ECL, CML, LVCMOS, LVDS, LVTTL Input Noninverted Differential Input. Internal 75 k W to VEE. A1 4 VTCLK − Internal 50 W Termination Pin. See Table 2. B2,C2 5,16 VEE − Negative Supply Voltage A2,A3,D2, D3 6,7,14,15 NC − No Connect B3,C3 8,13 VCC − Positive Supply Voltage A4 9 Q1 RSECL Output Inverted Differential Output 1. Typically Terminated with 50 W to VTT = VCC − 2.0 V. B4 10 Q1 RSECL Output Noninverted Differential Output 1. Typically Terminated with 50 W to VTT = VCC − 2.0 V. C4 11 Q0 RSECL Output Inverted Differential output 0. Typically Terminated with 50 W to VTT = VCC − 2.0 V. D4 12 Q0 RSECL Output Noninverted Differential Output 0. Typically Terminated with 50 W to VTT = VCC − 2 V. N/A − EP − Exposed Pad (Note 2) 1. The NC pins are electrically connected to the die and must be left open. 2. All VCC and VEE pins must be externally connected to Power Supply to guarantee proper operation. The thermally exposed pad on package bottom (see case drawing) must be attached to a heat−sinking conduit. 3. In the differential configuration when the input termination pins (VTCLK, VTCLK) are connected to a common termination voltage, and if no signal is applied then the device will be susceptible to self−oscillation. |
Numéro de pièce similaire - NBSG11MNR2G |
|
Description similaire - NBSG11MNR2G |