Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NBSG14 Fiches technique(PDF) 7 Page - ON Semiconductor

No de pièce NBSG14
Description  2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG14 Fiches technique(HTML) 7 Page - ON Semiconductor

Back Button NBSG14 Datasheet HTML 3Page - ON Semiconductor NBSG14 Datasheet HTML 4Page - ON Semiconductor NBSG14 Datasheet HTML 5Page - ON Semiconductor NBSG14 Datasheet HTML 6Page - ON Semiconductor NBSG14 Datasheet HTML 7Page - ON Semiconductor NBSG14 Datasheet HTML 8Page - ON Semiconductor NBSG14 Datasheet HTML 9Page - ON Semiconductor NBSG14 Datasheet HTML 10Page - ON Semiconductor NBSG14 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NBSG14
http://onsemi.com
7
Table 7. DC CHARACTERISTICS, NECL OR RSNECL INPUT WITH NECL OUTPUT
VCC = 0 V; VEE = −3.465 V to −2.375 V (Note 16)
Symbol
Characteristic
−40
°C
25
°C
70
°C(BGA)/85°C(QFN)**
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Negative Power Supply Current
45
60
75
45
60
75
45
60
75
mA
VOH
Output HIGH Voltage (Note 17)
−975
−925
−875
−950
−890
−850
−925
−865
−825
mV
VOUTPP
Output Amplitude Voltage
−3.465 V
v VEE v −3.0 V
−3.0 V < VEE v −2.375 V
350
315
440
405
530
495
350
315
440
405
530
495
350
315
440
405
530
495
mV
VIH
Input HIGH Voltage (Single−Ended)
(Notes 19 and 21)
VCC
1435
VCC
1000*
VCC
VCC
1435
VCC
1000*
VCC
VCC
1435
VCC
1000*
VCC
mV
VIL
Input LOW Voltage (Single−Ended)
(Notes 20 and 21)
VIH
2500
VCC
1400*
VIH
150
VIH
2500
VCC
1400*
VIH
150
VIH
2500
VCC
1400*
VIH
150
mV
VTHR
Input Threshold Voltage
(Single−Ended) (Note 21)
VEE +
1125
VCC
75
VEE +
1125
VCC
75
VEE +
1125
VCC
75
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 18)
VEE + 1.2
0.0
VEE + 1.2
0.0
VEE + 1.2
0.0
V
RTIN
Internal Input Termination Resistor
45
50
55
45
50
55
45
50
55
W
IIH
Input HIGH Current (@ VIH)
80
150
80
150
80
150
mA
IIL
Input LOW Current (@ VIL)
25
100
25
100
25
100
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
*Typicals used for testing purposes.
**The device packaged in FCBGA−16 have maximum temperature specification of 70
°C and devices packaged in QFN−16 have maximum
temperature specification of 85
°C.
16. Input and output parameters vary 1:1 with VCC.
17. All outputs loaded with 50
W to VCC −1.5 V for BGA package and VCC − 2 V for QFN package. VOH/VOL measured at VIH/VIL (Typical).
18. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
19. VIH cannot exceed VCC. |VIH − VTHR| < 2600 mV.
20. VIL always ≥ VEE. |VIL − VTHR| < 2600 mV.
21. VTHR is the voltage applied to one input when running in single−ended mode.


Numéro de pièce similaire - NBSG14

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NBSG14 ONSEMI-NBSG14 Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
NBSG14 ONSEMI-NBSG14 Datasheet
397Kb / 12P
   SiGe Differential 1:4 Clock/Data Driver
June, 2014 ??Rev. 17
NBSG14BA ONSEMI-NBSG14BA Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
NBSG14BAEVB ONSEMI-NBSG14BAEVB Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
NBSG14BAR2 ONSEMI-NBSG14BAR2 Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
More results

Description similaire - NBSG14

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NBSG14 ONSEMI-NBSG14 Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
NBSG111 ONSEMI-NBSG111 Datasheet
174Kb / 11P
   2.5V/3.3V SiGe Differential 1:10 Clock/Data Driver with RSECL Outputs
January, 2007 ??Rev. 8
NBSG11 ONSEMI-NBSG11 Datasheet
81Kb / 10P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
April, 2003 - Rev. 6
NBSG11 ONSEMI-NBSG11_06 Datasheet
117Kb / 12P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL Outputs
July, 2006 ??Rev. 8
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NBSG14 ONSEMI-NBSG14_14 Datasheet
397Kb / 12P
   SiGe Differential 1:4 Clock/Data Driver
June, 2014 ??Rev. 17
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NB7VQ58M ONSEMI-NB7VQ58M Datasheet
1Mb / 9P
   1.8V / 2.5V / 3.3V Differential 2:1 Clock/Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0
NB7L111M ONSEMI-NB7L111M Datasheet
256Kb / 13P
   2.5V / 3.3V, 6.125Gb/s 1:10 Differential Clock/Data Driver with CML Output
January, 2006 ??Rev. 1
NB7L14M ONSEMI-NB7L14M Datasheet
230Kb / 11P
   2.5V/3.3VDifferential 1:4 Clock/Data Fanout Buffer/Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com