Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4N32 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce 4N32
Description  General Purpose 6-Pin Photodarlington Optocoupler
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N32 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  4N32 Datasheet HTML 1Page - Fairchild Semiconductor 4N32 Datasheet HTML 2Page - Fairchild Semiconductor 4N32 Datasheet HTML 3Page - Fairchild Semiconductor 4N32 Datasheet HTML 4Page - Fairchild Semiconductor 4N32 Datasheet HTML 5Page - Fairchild Semiconductor 4N32 Datasheet HTML 6Page - Fairchild Semiconductor 4N32 Datasheet HTML 7Page - Fairchild Semiconductor 4N32 Datasheet HTML 8Page - Fairchild Semiconductor 4N32 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
tm
April 2007
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
4N29, 4N30, 4N31, 4N32, 4N33 Rev. 1.0.1
4N29, 4N30, 4N31, 4N32, 4N33
General Purpose 6-Pin Photodarlington Optocoupler
Features
High sensitivity to low input drive current
Meets or exceeds all JEDEC Registered
Specifications
VDE 0884 approval available as a test option
– add option .300. (e.g., 4N29.300)
Applications
Low power logic circuits
Telecommunications equipment
Portable electronics
Solid state relays
Interfacing coupling systems of different potentials
and impedances
Description
The 4N29, 4N30, 4N31, 4N32, 4N33 have a gallium
arsenide infrared emitter optically coupled to a silicon
planar photodarlington.
Packages
Schematic
6
1
6
6
1
White Package (-M Suffix)
Black Package (No -M Suffix)
1
6
1
6
1
6
1
EMITTER
COLLECTOR
1
2
3
ANODE
CATHODE
4
5
6 BASE
N/C


Numéro de pièce similaire - 4N32

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
4N32 MOTOROLA-4N32 Datasheet
287Kb / 6P
   STANDARD THRU HOLE CASE 730A-04
logo
Everlight Electronics C...
4N32 EVERLIGHT-4N32 Datasheet
938Kb / 13P
   6 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
logo
Vishay Siliconix
4N32 VISHAY-4N32 Datasheet
90Kb / 7P
   Optocoupler with Photodarlington Output
Rev. 1.4, 26-Jan-05
4N32 VISHAY-4N32 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
01-Jan-2022
logo
QT Optoelectronics
4N32 QT-4N32 Datasheet
136Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
More results

Description similaire - 4N32

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
4N29SR2M FAIRCHILD-4N29SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SM FAIRCHILD-4N29SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N30SM FAIRCHILD-4N30SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29M FAIRCHILD-4N29M Datasheet
233Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N33SR2M FAIRCHILD-4N33SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1VM FAIRCHILD-H11B1VM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1SR2M FAIRCHILD-H11B1SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
logo
ON Semiconductor
4N29M ONSEMI-4N29M Datasheet
191Kb / 14P
   6-Pin DIP General Purpose Photodarlington Optocoupler
Rev. 1.0.4
logo
Fairchild Semiconductor
4N29M FAIRCHILD-4N29M_09 Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler Portable electronics
logo
List of Unclassifed Man...
H11B1 ETC1-H11B1 Datasheet
473Kb / 12P
   6-PIN PHOTODARLINGTON OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com