Moteur de recherche de fiches techniques de composants électroniques |
|
BYD43U Fiches technique(PDF) 9 Page - NXP Semiconductors |
|
BYD43U Fiches technique(HTML) 9 Page - NXP Semiconductors |
9 / 11 page 1996 Jun 05 9 Philips Semiconductors Product specification Fast soft-recovery rectifiers BYD43 series BYD43U and V f = 1 MHz; Tj =25 °C. Fig.18 Diode capacitance as a function of reverse voltage; typical values. handbook, halfpage 1 MLC305 10 102 103 1 102 10 V (V) R Cd (pF) BYD43-16 to 20 f = 1 MHz; Tj =25 °C. Fig.19 Diode capacitance as a function of reverse voltage; typical values. handbook, halfpage 1 MLC317 10 102 103 1 10 V (V) R C d (pF) Fig.20 Device mounted on a printed-circuit board. Dimensions in mm. handbook, halfpage MGA200 3 2 7 50 25 50 Fig.21 Reverse recovery definitions. handbook, halfpage 10% 100% dI dt t trr IF IR MGC499 F dI dt R |
Numéro de pièce similaire - BYD43U |
|
Description similaire - BYD43U |