Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BYD17D Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce BYD17D
Description  General purpose controlled avalanche rectifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD17D Fiches technique(HTML) 5 Page - NXP Semiconductors

  BYD17D Datasheet HTML 1Page - NXP Semiconductors BYD17D Datasheet HTML 2Page - NXP Semiconductors BYD17D Datasheet HTML 3Page - NXP Semiconductors BYD17D Datasheet HTML 4Page - NXP Semiconductors BYD17D Datasheet HTML 5Page - NXP Semiconductors BYD17D Datasheet HTML 6Page - NXP Semiconductors BYD17D Datasheet HTML 7Page - NXP Semiconductors BYD17D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1999 Nov 11
5
Philips Semiconductors
Product specification
General purpose
controlled avalanche rectifiers
BYD17 series
Solid line: Tj =25 °C.
Dotted line: Tj = 175 °C.
Fig.6
Forward current as a function of forward
voltage; maximum values.
handbook, halfpage
0
6
4
2
0
2
1
MBG048
IF
(A)
VF (V)
Fig.7
Reverse current as a function of junction
temperature; maximum values.
handbook, halfpage
200
0
10 3
MGC739
10
2
10
1
160
120
40
80
(
µA)
I
R
T
j
(
oC)
VR =VRRMmax.
Fig.8
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tj =25 °C.
handbook, halfpage
1
MGC740
10
102
10
3
1
10 2
10
(pF)
C
d
V
R
(V)
MSB213
4.5
2.5
1.25
50
50
Fig.9
Printed-circuit board for surface mounting.
Dimensions in mm.


Numéro de pièce similaire - BYD17D

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
BYD17D EIC-BYD17D Datasheet
117Kb / 2P
   GENERAL PURPOSE CONTROLLED AVALANCHE RECTIFIERS
BYD17DA EIC-BYD17DA Datasheet
108Kb / 2P
   GENERAL PURPOSE CONTROLLED AVALANCHE RECTIFIERS
More results

Description similaire - BYD17D

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
BYD17D EIC-BYD17D Datasheet
117Kb / 2P
   GENERAL PURPOSE CONTROLLED AVALANCHE RECTIFIERS
BYD17DA EIC-BYD17DA Datasheet
108Kb / 2P
   GENERAL PURPOSE CONTROLLED AVALANCHE RECTIFIERS
logo
Guangdong Kexin Industr...
KAS29 KEXIN-KAS29 Datasheet
79Kb / 4P
   General Purpose Controlled Avalanche Diodes
logo
Nexperia B.V. All right...
BAS29 NEXPERIA-BAS29 Datasheet
331Kb / 10P
   General purpose controlled avalanche (double) diodes
2003 Mar 20
logo
NXP Semiconductors
BAS29 PHILIPS-BAS29 Datasheet
90Kb / 12P
   General purpose controlled avalanche double diodes
1999 May 21
BAS29_31_35 PHILIPS-BAS29_31_35_15 Datasheet
138Kb / 9P
   General purpose controlled avalanche (double) diodes
2003 Mar 20
BAS29 NXP-BAS29 Datasheet
138Kb / 9P
   General purpose controlled avalanche (double) diodes
2003 Mar 20
BYW54 PHILIPS-BYW54 Datasheet
46Kb / 7P
   Controlled avalanche rectifiers
1996 Oct 03
BAS11 PHILIPS-BAS11 Datasheet
42Kb / 7P
   Controlled avalanche rectifiers
1996 Sep 26
1N5059 PHILIPS-1N5059 Datasheet
74Kb / 7P
   Controlled avalanche rectifiers
1996 Jun 19
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com