Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC33025DWR2G Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce MC33025DWR2G
Description  High Speed Double?묮nded PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33025DWR2G Fiches technique(HTML) 6 Page - ON Semiconductor

Back Button MC33025DWR2G Datasheet HTML 2Page - ON Semiconductor MC33025DWR2G Datasheet HTML 3Page - ON Semiconductor MC33025DWR2G Datasheet HTML 4Page - ON Semiconductor MC33025DWR2G Datasheet HTML 5Page - ON Semiconductor MC33025DWR2G Datasheet HTML 6Page - ON Semiconductor MC33025DWR2G Datasheet HTML 7Page - ON Semiconductor MC33025DWR2G Datasheet HTML 8Page - ON Semiconductor MC33025DWR2G Datasheet HTML 9Page - ON Semiconductor MC33025DWR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MC34025, MC33025
http://onsemi.com
6
Source Saturation
(Load to Ground)
VCC = 15 V
80
ms Pulsed Load
120 Hz Rate
TA = + 25°C
VCC
Ground
Sink Saturation
(Load to VCC)
VCC Decreasing
VCC Increasing
VCC = 15 V
TA, AMBIENT TEMPERATURE (°C)
Figure 14. Soft−Start Charge Current
versus Temperature
−55
−25
0
25
50
75
100
125
IO, OUTPUT LOAD CURRENT (A)
Figure 15. Output Saturation Voltage
versus Load Current
0
0.2
0.4
0.6
0.8
1.0
Figure 16. Drive Output Rise and Fall Time
Figure 17. Drive Output Rise and Fall Time
VCC, SUPPLY VOLTAGE (V)
0
4.0
8.0
12
16
20
Figure 18. Supply Voltage versus Supply Current
OUTPUT RISE & FALL TIME 1.0 nF LOAD
50 ns/DIV
OUTPUT RISE & FALL TIME 10.0 nF LOAD
50 ns/DIV
RT = 3.65 kW
CT = 1.0 nF
0
2.0
1.0
10
9.5
9.0
8.5
8.0
7.5
7.0
−1.0
−2.0
0
30
25
20
15
10
5.0
0


Numéro de pièce similaire - MC33025DWR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC33025DWR2G ONSEMI-MC33025DWR2G Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
More results

Description similaire - MC33025DWR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC34023 ONSEMI-MC34023_05 Datasheet
441Kb / 18P
   High Speed Single?묮nded PWM Controller
October, 2005 ??Rev. 6
MC33025 ONSEMI-MC33025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC34025 ONSEMI-MC34025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC34025 ONSEMI-MC34025 Datasheet
516Kb / 20P
   High Speed Double-Ended PWM Controller
1996 REV 1
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com