Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14556BF Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MC14556BF
Description  Dual Binary to 1?뭥f?? Decoder/Demultiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14556BF Fiches technique(HTML) 3 Page - ON Semiconductor

  MC14556BF Datasheet HTML 1Page - ON Semiconductor MC14556BF Datasheet HTML 2Page - ON Semiconductor MC14556BF Datasheet HTML 3Page - ON Semiconductor MC14556BF Datasheet HTML 4Page - ON Semiconductor MC14556BF Datasheet HTML 5Page - ON Semiconductor MC14556BF Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC14555B, MC14556B
http://onsemi.com
3
SWITCHING CHARACTERISTICS (Note 5) (CL = 50 pF, TA = 25°C)
Characteristic
Symbol
VDD
Min
Typ
(Note 6)
Max
Unit
Output Rise and Fall Time
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns
tTLH,
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time − A, B to Output
tPLH, tPHL = (1.7 ns/pF) CL + 135 ns
tPLH, tPHL = (0.66 ns/pF) CL + 62 ns
tPLH, tPHL = (0.5 ns/pF) CL + 45 ns
tPLH,
tPHL
5.0
10
15
220
95
70
440
190
140
ns
Propagation Delay Time − E to Output
tPLH, tPHL = (1.7 ns/pF) CL + 115 ns
tPLH, tPHL = (0.66 ns/pF) CL + 52 ns
tPLH, tPHL = (0.5 ns/pF) CL + 40 ns
tPLH,
tPHL
5.0
10
15
200
85
65
400
170
130
ns
5. The formulas given are for the typical characteristics only at 25
°C.
6. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Dynamic Power Dissipation Signal Waveforms
Figure 2. Dynamic Signal Waveforms
All 8 outputs connect to respective CL loads.
f in respect to a system clock.
INPUT E LOW
20 ns
20 ns
90%
50%
10%
2f
1
VDD
VSS
VDD
VSS
VOH
VOL
A INPUTS
(50% DUTY CYCLE)
B INPUTS
(50% DUTY CYCLE)
OUTPUT Q1
20 ns
20 ns
VDD
VSS
VOH
VOL
VOH
VOL
90%
50%
10%
90%
50%
10%
90%
50%
10%
tPLH
tTLH
tPHL
tPHL
tTHL
tPLH
tTLH
tTHL
INPUT A HIGH, INPUT E LOW
INPUT B
OUTPUT Q3
MC14556B
OUTPUT Q3
MC14555B
LOGIC DIAGRAM
(1/2 of Dual)
*Eliminated for MC14555B
*
*
*
*
Q0
Q1
Q2
Q3
E
B
A


Numéro de pièce similaire - MC14556BF

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14556BF ONSEMI-MC14556BF Datasheet
142Kb / 8P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
March, 2000 ??Rev. 3
MC14556BFEL ONSEMI-MC14556BFEL Datasheet
142Kb / 8P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
March, 2000 ??Rev. 3
More results

Description similaire - MC14556BF

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74HC139A ONSEMI-MC74HC139A_05 Datasheet
110Kb / 10P
   Dual 1?뭥f?? Decoder/ Demultiplexer
June, 2005 ??Rev. 9
MC74AC139 ONSEMI-MC74AC139_06 Datasheet
182Kb / 11P
   Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
MC74AC139DG ONSEMI-MC74AC139DG Datasheet
176Kb / 11P
   Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
MC74AC151 ONSEMI-MC74AC151 Datasheet
237Kb / 10P
   1?뭥f?? Decoder/Demultiplexer
June, 2006 ??Rev. 6
MC74AC138 ONSEMI-MC74AC138 Datasheet
189Kb / 11P
   1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 6
MC74HC138A ONSEMI-MC74HC138A_05 Datasheet
116Kb / 10P
   1?뭥f?? Decoder/ Demultiplexer
June, 2005 ??Rev. 9
MC74AC138DG ONSEMI-MC74AC138DG Datasheet
195Kb / 11P
   1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 6
MC14555B ONSEMI-MC14555B Datasheet
142Kb / 8P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC14555B MOTOROLA-MC14555B Datasheet
164Kb / 5P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
logo
Hitachi Semiconductor
HD14555B HITACHI-HD14555B Datasheet
63Kb / 4P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com