Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14557BCPG Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce MC14557BCPG
Description  1-to-64 Bit Variable Length Shift Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14557BCPG Fiches technique(HTML) 4 Page - ON Semiconductor

  MC14557BCPG Datasheet HTML 1Page - ON Semiconductor MC14557BCPG Datasheet HTML 2Page - ON Semiconductor MC14557BCPG Datasheet HTML 3Page - ON Semiconductor MC14557BCPG Datasheet HTML 4Page - ON Semiconductor MC14557BCPG Datasheet HTML 5Page - ON Semiconductor MC14557BCPG Datasheet HTML 6Page - ON Semiconductor MC14557BCPG Datasheet HTML 7Page - ON Semiconductor MC14557BCPG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC14557B
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
− 55
°C
25
°C
125
°C
Symbol
Characteristic
VDD
Vdc
Min
Max
Min
Typ
(Note 3)
Max
Min
Max
Unit
VOL
Output Voltage
“0” Level
Vin = VDD or 0
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
VOH
“1” Level
Vin = 0 or VDD
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
VIL
Input Voltage
“0” Level
(VO = 4.5 or 0.5 Vdc)
(VO = 9.0 or 1.0 Vdc)
(VO = 13.5 or 1.5 Vdc)
5.0
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Vdc
VIH
“1” Level
(VO = 0.5 or 4.5 Vdc)
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
5.0
10
15
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
Vdc
IOH
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
5.0
5.0
10
15
–3.0
–0.64
–1.6
–4.2
–2.4
–0.51
–1.3
–3.4
–4.2
–0.88
–2.25
–8.8
–1.7
–0.36
–0.9
–2.4
mAdc
IOL
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
8.8
0.36
0.9
2.4
Iin
Input Current
15
±0.1
±0.00001
±0.1
±1.0
mAdc
Cin
Input Capacitance
(Vin = 0)
5.0
7.5
pF
IDD
Quiescent Current
(Per Package)
5.0
10
15
5.0
10
20
0.010
0.020
0.030
5.0
10
20
150
300
600
mAdc
IT
Total Supply Current (Notes 4, 5)
(Dynamic plus Quiescent, Per Package)
(CL = 50 pF on all outputs, all buffers switching)
5.0
10
15
IT = (1.75 mA/kHz) f + IDD
IT = (3.50 mA/kHz) f + IDD
IT = (5.25 mA/kHz) f + IDD
mAdc
3. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
4. The formulas given are for the typical characteristics only at 25
°C.
5. To calculate total supply current at loads other than 50 pF: IT(CL) = IT(50 pF) + (CL – 50) Vfk where: IT is in mA (per package), CL in pF,
V = (VDD – VSS) in volts, f in kHz is input frequency, and k = 0.001.


Numéro de pièce similaire - MC14557BCPG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14557BCPG ONSEMI-MC14557BCPG Datasheet
133Kb / 8P
   1-to-64 Bit Variable Length Shift Register
June, 2011 ??Rev. 6
More results

Description similaire - MC14557BCPG

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
HEF4557B NEXPERIA-HEF4557B Datasheet
755Kb / 16P
   1-to-64 bit variable length shift register
Rev. 7 - 1 April 2016
logo
NXP Semiconductors
HEF4557B PHILIPS-HEF4557B Datasheet
78Kb / 7P
   1-to-64 bit variable length shift register
January 1995
logo
Motorola, Inc
MC14557B MOTOROLA-MC14557B Datasheet
206Kb / 6P
   1-TO-64 BIT VARIABLE LENGTH SHIFT REGISTER
logo
Hitachi Semiconductor
HD14557B HITACHI-HD14557B Datasheet
75Kb / 5P
   1-to-64-bit Variable Length Shift Register
logo
ON Semiconductor
MC14557B ONSEMI-MC14557B Datasheet
169Kb / 8P
   1-to-64 Bit Variable Length Shift Register
March, 2000 ??Rev. 3
MC14557B ONSEMI-MC14557B_11 Datasheet
133Kb / 8P
   1-to-64 Bit Variable Length Shift Register
June, 2011 ??Rev. 6
logo
Fairchild Semiconductor
TMC2011A FAIRCHILD-TMC2011A Datasheet
69Kb / 12P
   Variable-Length Shift Register
logo
Cadeka Microcircuits LL...
TMC2011A CADEKA-TMC2011A Datasheet
179Kb / 12P
   Variable-Length Shift Register
logo
LOGIC Devices Incorpora...
L10C11 LODEV-L10C11 Datasheet
66Kb / 6P
   4/8-bit Variable Length Shift Register
logo
Nippon Precision Circui...
SM5824N NPC-SM5824N Datasheet
143Kb / 6P
   Variable Length Static Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com