Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14551BCP Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MC14551BCP
Description  Quad 2?묬hannel Analog Multiplexer/Demultiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14551BCP Fiches technique(HTML) 3 Page - ON Semiconductor

  MC14551BCP Datasheet HTML 1Page - ON Semiconductor MC14551BCP Datasheet HTML 2Page - ON Semiconductor MC14551BCP Datasheet HTML 3Page - ON Semiconductor MC14551BCP Datasheet HTML 4Page - ON Semiconductor MC14551BCP Datasheet HTML 5Page - ON Semiconductor MC14551BCP Datasheet HTML 6Page - ON Semiconductor MC14551BCP Datasheet HTML 7Page - ON Semiconductor MC14551BCP Datasheet HTML 8Page - ON Semiconductor MC14551BCP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MC14551B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
Characteristic
VDD
Test Conditions
Symbol
– 55
_C
25
_C
125
_C
Unit
Min
Max
Min
Typ
(Note 2)
Max
Min
Max
SUPPLY REQUIREMENTS (Voltages Referenced to VEE)
Power Supply Voltage
Range
VDD – 3.0 ≥ VSS ≥ VEE
VDD
3.0
18
3.0
18
3.0
18
V
Quiescent Current Per
Package
5.0
10
15
Control Inputs: Vin =
VSS or VDD,
Switch I/O: VEE v VI/O
v VDD, and DVswitch v
500 mV (Note 3 )
IDD
5.0
10
20
0.005
0.010
0.015
5.0
10
20
150
300
600
mA
Total Supply Current
(Dynamic Plus Quiescent,
Per Package)
5.0
10
15
TA = 25_C only (The
channel component,
(Vin – Vout)/Ron, is
not included.)
ID(AV)
(0.07
mA/kHz) f + IDD
Typical
(0.20
mA/kHz) f + IDD
(0.36
mA/kHz) f + IDD
mA
CONTROL INPUT (Voltages Referenced to VSS)
Low−Level Input Voltage
5.0
10
15
Ron = per spec,
Ioff = per spec
VIL
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
V
High−Level Input Voltage
5.0
10
15
Ron = per spec,
Ioff = per spec
VIH
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
V
Input Leakage Current
15
Vin = 0 or VDD
Iin
±0.1
±0.00001 ±0.1
±1.0
mA
Input Capacitance
Cin
5.0
7.5
pF
SWITCHES IN/OUT AND COMMONS OUT/IN — W, X, Y, Z (Voltages Referenced to VEE)
Recommended Peak−to−
Peak Voltage Into or Out
of the Switch
Channel On or Off
VI/O
0
VDD
0
VDD
0
VDD
Vp–p
Recommended Static or
Dynamic Voltage Across
the Switch (Note 3)
(Figure 3)
Channel On
DVswitch
0
600
0
600
0
300
mV
Output Offset Voltage
Vin = 0 V, No Load
VOO
10
mV
ON Resistance
5.0
10
15
DVswitch v 500 mV
(Note 3),
Vin = VIL or VIH
(Control), and Vin = 0 to
VDD (Switch)
Ron
800
400
220
250
120
80
1050
500
280
1200
520
300
W
DON Resistance Between
Any Two Channels
in the Same Package
5.0
10
15
DRon
70
50
45
25
10
10
70
50
45
135
95
65
W
Off−Channel Leakage
Current (Figure 8)
15
Vin = VIL or VIH
(Control) Channel to
Channel or Any One
Channel
Ioff
±100
±0.05
±100
±1000
nA
Capacitance, Switch I/O
Switch Off
CI/O
10
pF
Capacitance, Common O/I
CO/I
17
pF
Capacitance, Feedthrough
(Channel Off)
Pins Not Adjacent
Pins Adjacent
CI/O
0.15
0.47
pF
2. Data labeled “Typ” is not to be used for design purposes, but is intended as an indication of the IC’s potential performance.
3. For voltage drops across the switch (
DVswitch) > 600 mV ( > 300 mV at high temperature), excessive VDD current may be drawn; i.e. the
current out of the switch may contain both VDD and switch input components. The reliability of the device will be unaffected unless the
Maximum Ratings are exceeded. (See first page of this data sheet.)


Numéro de pièce similaire - MC14551BCP

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14551BCP ONSEMI-MC14551BCP Datasheet
115Kb / 12P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
August, 2000 ??Rev. 4
More results

Description similaire - MC14551BCP

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU4551B ROHM-BU4551B Datasheet
86Kb / 6P
   Quad 2-channel analog multiplexer / demultiplexer
logo
ON Semiconductor
MC14551B ONSEMI-MC14551B Datasheet
115Kb / 12P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
August, 2000 ??Rev. 4
MC14551B ONSEMI-MC14551B_14 Datasheet
134Kb / 9P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
July, 2014 ??Rev. 9
MC74VHCT157A ONSEMI-MC74VHCT157A_05 Datasheet
101Kb / 7P
   Quad 2?묬hannel Multiplexer
December, 2005 ??Rev. 2
MC74LVX4066 ONSEMI-MC74LVX4066_11 Datasheet
196Kb / 13P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC74LVXT4066 ONSEMI-MC74LVXT4066 Datasheet
265Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer
March, 2000 ??Rev. 1
MC54-74HC4016 ONSEMI-MC54-74HC4016 Datasheet
349Kb / 11P
   Quad Analog Switch/ Multiplexer/Demultiplexer
REV 6
MC74HCT4066A ONSEMI-MC74HCT4066A Datasheet
174Kb / 13P
   Quad Analog Switch Multiplexer/Demultiplexer
November, 2010 ??Rev. 1
MC74HC4316A ONSEMI-MC74HC4316A_14 Datasheet
157Kb / 10P
   Quad Analog Switch/ Multiplexer/Demultiplexer
August, 2014 ??Rev. 9
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com