Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14515BCP Fiches technique(PDF) 7 Page - ON Semiconductor

No de pièce MC14515BCP
Description  4?묪it Transparent Latch / 4?뭪o??6 Line Decoder
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14515BCP Fiches technique(HTML) 7 Page - ON Semiconductor

  MC14515BCP Datasheet HTML 1Page - ON Semiconductor MC14515BCP Datasheet HTML 2Page - ON Semiconductor MC14515BCP Datasheet HTML 3Page - ON Semiconductor MC14515BCP Datasheet HTML 4Page - ON Semiconductor MC14515BCP Datasheet HTML 5Page - ON Semiconductor MC14515BCP Datasheet HTML 6Page - ON Semiconductor MC14515BCP Datasheet HTML 7Page - ON Semiconductor MC14515BCP Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC14514B, MC14515B
http://onsemi.com
7
COMPLEX DATA ROUTING
Two MC14512 eight−channel data selectors are used here
with the MC14514B four−bit latch/decoder to effect a
complex data routing system. A total of 16 inputs from data
registers are selected and transferred via a 3−state data bus
to a data distributor for rearrangement and entry into 16
output registers. In this way sequential data can be re−routed
or intermixed according to patterns determined by data
select and distribution inputs.
Data is placed into the routing scheme via the eight inputs
on both MC14512 data selectors. One register is assigned to
each input. The signals on A0, A1, and A2 choose one of
eight inputs for transfer out to the 3−state data bus. A fourth
signal, labelled Dis, disables one of the MC14512 selectors,
assuring transfer of data from only one register.
In addition to a choice of input registers, 1 thru 16, the rate
of transfer of the sequential information can also be varied.
That is, if the MC14512 were addressed at a rate that is eight
times faster then the shift frequency of the input registers,
the most significant bit (MSB) from each register could be
selected for transfer to the data bus. Therefore, all of the
most significant bits from all of the registers can be
transferred to the data bus before the next most significant
bit is presented for transfer by the input registers.
Information from the 3−state bus is redistributed by the
MC14514B four−bit latch/decoder. Using the four−bit
address, D1 thru D4, the information on the inhibit line can
be transferred to the addressed output line to the desired
output registers, A thru P. This distribution of data bits to the
output registers can be made in many complex patterns. For
example, all of the most significant bits from the input
registers can be routed into output register A, all of the next
most significant bits into register B, etc. In this way
horizontal, vertical, or other methods of data slicing can be
implemented.
DATA ROUTING SYSTEM
INPUT
REGISTERS
DATA
TRANSFER
DATA
DISTRIBUTION
OUTPUT
REGISTERS
3−STATE
DATA BUS
REGISTER A
REGISTER P
REGISTER 1
REGISTER 8
REGISTER 9
REGISTER 16
DATA
SELECT
STROBE
INHIBIT
DIS
DIS
Q
Q
D1 D2 D3 D4
A0 A1 A2
A0 A1 A2
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
S15
S14
S13
S12
S11
S10
S9
S8
S7
S6
S5
S4
S3
S2
S1
S0


Numéro de pièce similaire - MC14515BCP

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14515BCP ONSEMI-MC14515BCP Datasheet
202Kb / 12P
   4-Bit Transparent Latch/4-to-16 Line Decoder
March, 2000 ??Rev. 3
More results

Description similaire - MC14515BCP

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14514B ONSEMI-MC14514B Datasheet
202Kb / 12P
   4-Bit Transparent Latch/4-to-16 Line Decoder
March, 2000 ??Rev. 3
MC14514B ONSEMI-MC14514B_13 Datasheet
130Kb / 8P
   4-Bit Transparent Latch / 4-to-16 Line Decoder
May, 2013 ??Rev. 9
MC74VHCT138A ONSEMI-MC74VHCT138A_06 Datasheet
103Kb / 7P
   3?뭪o?? Line Decoder
January, 2006 ??Rev. 3
logo
STMicroelectronics
M74HC4514 STMICROELECTRONICS-M74HC4514 Datasheet
289Kb / 12P
   4 TO 16 LINE DECODER/LATCH
logo
Toshiba Semiconductor
TC74HC4514AP TOSHIBA-TC74HC4514AP_07 Datasheet
325Kb / 8P
   4-to-16 Line Decoder/Latch
TC74HC4514AP TOSHIBA-TC74HC4514AP Datasheet
237Kb / 5P
   4-TO-16 LINE DECODER/LATCH
logo
STMicroelectronics
M74HC4515 STMICROELECTRONICS-M74HC4515 Datasheet
188Kb / 10P
   HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH (INV.)
M74HC4514 STMICROELECTRONICS-M74HC4514 Datasheet
188Kb / 10P
   HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH INV.
HCC4514B STMICROELECTRONICS-HCC4514B Datasheet
261Kb / 11P
   4-BIT LATCH/4-TO-16 LINE DECODER
logo
Hitachi Semiconductor
HD74HC4514 HITACHI-HD74HC4514 Datasheet
52Kb / 8P
   4-bit Latch/4-to-16-line Decoder
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com