Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14076BD Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce MC14076BD
Description  4-Bit D-Type Register with Three-State Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14076BD Fiches technique(HTML) 5 Page - ON Semiconductor

  MC14076BD Datasheet HTML 1Page - ON Semiconductor MC14076BD Datasheet HTML 2Page - ON Semiconductor MC14076BD Datasheet HTML 3Page - ON Semiconductor MC14076BD Datasheet HTML 4Page - ON Semiconductor MC14076BD Datasheet HTML 5Page - ON Semiconductor MC14076BD Datasheet HTML 6Page - ON Semiconductor MC14076BD Datasheet HTML 7Page - ON Semiconductor MC14076BD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC14076B
http://onsemi.com
5
SWITCHING CHARACTERISTICS (Note 5) (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Vdc
Min
Typ
(Note 6)
Max
Unit
Output Rise and Fall Time
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns
tTLH, tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
Clock to Q
tPLH, tPHL = (1.7 ns/pF) CL + 215 ns
tPLH, tPHL = (0.66 ns/pF) CL + 92 ns
tPLH, tPHL = (0.5 ns/pF) CL + 65 ns
tPLH, tPHL
5.0
10
15
300
125
90
600
250
180
ns
Reset to Q
tPLH, tPHL = (1.7 ns/pF) CL + 215 ns
tPLH, tPHL = (0.66 ns/pF) CL + 92 ns
tPLH, tPHL = (0.5 ns/pF) CL + 65 ns
5.0
10
15
300
125
90
600
250
180
3−State Propagation Delay, Output “1” or “0”
to High Impedance
tPHZ, tPLZ
5.0
10
15
150
60
45
300
120
90
ns
3−State Propagation Delay, High Impedance
to “1” or “0” Level
tPZH, tPZL
5.0
10
15
200
80
60
400
160
120
ns
Clock Pulse Width
tWH
5.0
10
15
260
110
80
130
55
40
ns
Reset Pulse Width
tWH
5.0
10
15
370
150
110
185
75
55
ns
Data Setup Time
tsu
5.0
10
15
30
10
4
15
5
2
ns
Data Hold Time
th
5.0
10
15
130
60
50
65
30
25
ns
Data Disable Setup Time
tsu
5.0
10
15
220
80
50
110
40
25
ns
Clock Pulse Rise and Fall Time
tTLH, tTHL
5.0
10
15
15
5
4
ms
Clock Pulse Frequency
fcl
5.0
10
15
3.6
9.0
12
1.8
4.5
6.0
MHz
5. The formulas given are for the typical characteristics only at 25
_C.
6. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.


Numéro de pièce similaire - MC14076BD

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14076BD ONSEMI-MC14076BD Datasheet
181Kb / 8P
   4-Bit D-Type Register with Three-State Outputs
March, 2000 ??Rev. 3
MC14076BDG ONSEMI-MC14076BDG Datasheet
112Kb / 7P
   4-Bit D-Type Register with Three-State Outputs
August, 2014 ??Rev. 8
MC14076BDR2 ONSEMI-MC14076BDR2 Datasheet
181Kb / 8P
   4-Bit D-Type Register with Three-State Outputs
March, 2000 ??Rev. 3
MC14076BDR2G ONSEMI-MC14076BDR2G Datasheet
112Kb / 7P
   4-Bit D-Type Register with Three-State Outputs
August, 2014 ??Rev. 8
More results

Description similaire - MC14076BD

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14076B ONSEMI-MC14076B_14 Datasheet
112Kb / 7P
   4-Bit D-Type Register with Three-State Outputs
August, 2014 ??Rev. 8
MC14076B ONSEMI-MC14076B Datasheet
181Kb / 8P
   4-Bit D-Type Register with Three-State Outputs
March, 2000 ??Rev. 3
logo
Motorola, Inc
SN54LS173A MOTOROLA-SN54LS173A Datasheet
207Kb / 6P
   4-BIT D-TYPE REGISTER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC173 RENESAS-HD74HC173 Datasheet
113Kb / 8P
   4-bit D-type Register (with 3-state outputs)
logo
Hitachi Semiconductor
HD74HC173 HITACHI-HD74HC173 Datasheet
56Kb / 9P
   4-bit D-type Register (with 3-state Outputs)
HD74LS670 HITACHI-HD74LS670 Datasheet
102Kb / 7P
   4-by-4 Register File(with three-state outputs)
logo
List of Unclassifed Man...
AM29LS18 ETC1-AM29LS18 Datasheet
291Kb / 6P
   QUAD D REGISTER WITH STANDARD AND THREE-STATE OUTPUTS
logo
National Semiconductor ...
DM74LS395 NSC-DM74LS395 Datasheet
106Kb / 6P
   4-Bit Shift Register with TRI-STATE Outputs
54LS295A NSC-54LS295A Datasheet
117Kb / 4P
   4-BIT SHIFT REGISTER WITH TRI-STATE OUTPUTS
logo
Motorola, Inc
SN54LS395 MOTOROLA-SN54LS395 Datasheet
196Kb / 6P
   4-BIT SHIFT REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com