Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BY8008 Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce BY8008
Description  Fast high-voltage soft-recovery controlled avalanche rectifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY8008 Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button BY8008 Datasheet HTML 2Page - NXP Semiconductors BY8008 Datasheet HTML 3Page - NXP Semiconductors BY8008 Datasheet HTML 4Page - NXP Semiconductors BY8008 Datasheet HTML 5Page - NXP Semiconductors BY8008 Datasheet HTML 6Page - NXP Semiconductors BY8008 Datasheet HTML 7Page - NXP Semiconductors BY8008 Datasheet HTML 8Page - NXP Semiconductors BY8008 Datasheet HTML 9Page - NXP Semiconductors BY8008 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
1996 May 24
9
Philips Semiconductors
Product specification
Fast high-voltage soft-recovery
controlled avalanche rectifiers
BY8000 series
Fig.17 Test circuit and reverse recovery time waveform and definition.
Rise time oscilloscope: tr < 7 ns.
Generator pulse width: 1.0
µs.
handbook, full pagewidth
MBH420
50
0.1
µF
2 mA
trr
t
0
2
1
4
IF
(mA)
IR
(mA)
APPLICATION INFORMATION
Fig.18 Typical operation circuit and voltage waveform.
handbook, full pagewidth
MAM105 - 1
V
R
V
RW
T
nom
V
RRM
Vo
Io
V I
DUT
VR
t


Numéro de pièce similaire - BY8008

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
BY8004 EIC-BY8004 Datasheet
83Kb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER DIODE
BY8006 EIC-BY8006 Datasheet
69Kb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER DIODE
More results

Description similaire - BY8008

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BY9300 PHILIPS-BY9300 Datasheet
96Kb / 12P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
2000 Jan 10
BY9400 PHILIPS-BY9400 Datasheet
67Kb / 8P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
2000 Jan 10
BY8100 PHILIPS-BY8100 Datasheet
54Kb / 10P
   Very fast high-voltage soft-recovery controlled avalanche rectifiers
1996 May 24
BY8200 PHILIPS-BY8200 Datasheet
87Kb / 12P
   Ultra fast high-voltage soft-recovery controlled avalanche rectifiers
1998 Jul 16
BYV36 PHILIPS-BYV36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jul 01
BYW95 PHILIPS-BYW95 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD31 PHILIPS-BYD31 Datasheet
59Kb / 9P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
BYD37 PHILIPS-BYD37 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1999 Nov 16
BYD52 PHILIPS-BYD52 Datasheet
51Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 03
BYV96 PHILIPS-BYV96 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com