Moteur de recherche de fiches techniques de composants électroniques |
|
MC14043BCPG Fiches technique(PDF) 5 Page - ON Semiconductor |
|
MC14043BCPG Fiches technique(HTML) 5 Page - ON Semiconductor |
5 / 8 page MC14043B, MC14044B http://onsemi.com 5 THREE−STATE ENABLE/DISABLE DELAYS Set, Reset, Enable, and Switch Conditions for 3−State Tests Test Enable S1 S2 Q MC14043B MC14044B S R S R tPZH Open Closed A VDD VSS VSS VDD tPZL Closed Open B VSS VDD VDD VSS tPHZ Open Closed A VDD VSS VSS VDD tPLZ Closed Open B VSS VDD VDD VSS ENABLE QA QB 50% tPZH 10% tPZL tPHZ tPLZ 10% 90% VDD VSS VDD VOL VOH VSS ORDERING INFORMATION Device Package Shipping† MC14043BCP PDIP−16 500 Units / Rail MC14043BCPG PDIP−16 (Pb−Free) 500 Units / Rail MC14043BD SOIC−16 48 Units / Rail MC14043BDG SOIC−16 (Pb−Free) 48 Units / Rail MC14043BDR2 SOIC−16 2500 Units / Tape & Reel MC14043BDR2G SOIC−16 (Pb−Free) 2500 Units / Tape & Reel MC14043BFEL SOEIAJ−16 2000 Units / Tape & Reel MC14044BCP PDIP−16 500 Units / Rail MC14044BCPG PDIP−16 (Pb−Free) 500 Units / Rail MC14044BD SOIC−16 48 Units / Rail MC14044BDG SOIC−16 (Pb−Free) 48 Units / Rail MC14044BDR2 SOIC−16 2500 Units / Tape & Reel MC14044BDR2G SOIC−16 (Pb−Free) 2500 Units / Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. TO OUTPUT UNDER TEST VDD S1 S2 1 k CL 50 pF VSS |
Numéro de pièce similaire - MC14043BCPG |
|
Description similaire - MC14043BCPG |