Moteur de recherche de fiches techniques de composants électroniques |
|
MC14024B Fiches technique(PDF) 8 Page - ON Semiconductor |
|
MC14024B Fiches technique(HTML) 8 Page - ON Semiconductor |
8 / 9 page MC14024B http://onsemi.com 8 PACKAGE DIMENSIONS SOIC−14 CASE 751A−03 ISSUE H NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. −A− −B− G P 7 PL 14 8 7 1 M 0.25 (0.010) B M S B M 0.25 (0.010) A S T −T− F R X 45 SEATING PLANE D 14 PL K C J M _ DIM MIN MAX MIN MAX INCHES MILLIMETERS A 8.55 8.75 0.337 0.344 B 3.80 4.00 0.150 0.157 C 1.35 1.75 0.054 0.068 D 0.35 0.49 0.014 0.019 F 0.40 1.25 0.016 0.049 G 1.27 BSC 0.050 BSC J 0.19 0.25 0.008 0.009 K 0.10 0.25 0.004 0.009 M 0 7 0 7 P 5.80 6.20 0.228 0.244 R 0.25 0.50 0.010 0.019 __ __ 7.04 14X 0.58 14X 1.52 1.27 DIMENSIONS: MILLIMETERS 1 PITCH SOLDERING FOOTPRINT* 7X *For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. |
Numéro de pièce similaire - MC14024B |
|
Description similaire - MC14024B |