Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14018B Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MC14018B
Description  Presettable Divide?묪y?묿 Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14018B Fiches technique(HTML) 1 Page - ON Semiconductor

  MC14018B Datasheet HTML 1Page - ON Semiconductor MC14018B Datasheet HTML 2Page - ON Semiconductor MC14018B Datasheet HTML 3Page - ON Semiconductor MC14018B Datasheet HTML 4Page - ON Semiconductor MC14018B Datasheet HTML 5Page - ON Semiconductor MC14018B Datasheet HTML 6Page - ON Semiconductor MC14018B Datasheet HTML 7Page - ON Semiconductor MC14018B Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2005
August, 2005 − Rev. 6
1
Publication Order Number:
MC14018B/D
MC14018B
Presettable Divide−By−N
Counter
The MC14018B contains five Johnson counter stages which are
asynchronously presettable and resettable. The counters are
synchronous, and increment on the positive going edge of the clock.
Presetting is accomplished by a logic 1 on the preset enable input.
Data on the Jam inputs will then be transferred to their respective Q
outputs (inverted). A logic 1 on the reset input will cause all Q outputs
to go to a logic 1 state.
Division by any number from 2 to 10 can be accomplished by
connecting appropriate Q outputs to the data input, as shown in the
Function Selection table. Anti−lock gating is included in the
MC14018B to assure proper counting sequence.
Features
Fully Static Operation
Schmitt Trigger on Clock Input
Capable of Driving Two Low−Power TTL Loads or One Low−Power
Schottky TTL Load Over the Rated Temperature Range
Pin−for−Pin Replacement for CD4018B
Pb−Free Packages are Available*
MAXIMUM RATINGS (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
−0.5 to +18.0
V
Vin, Vout
Input or Output Voltage Range
(DC or Transient)
−0.5 to VDD + 0.5
V
Iin, Iout
Input or Output Current
(DC or Transient) per Pin
±10
mA
PD
Power Dissipation, per Package
(Note 1)
500
mW
TA
Ambient Temperature Range
−55 to +125
°C
Tstg
Storage Temperature Range
−65 to +150
°C
TL
Lead Temperature
(8−Second Soldering)
260
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high−impedance circuit. For proper operation, Vin and Vout should be constrained
to the range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an appropriate logic voltage level (e.g.,
either VSS or VDD). Unused outputs must be left open.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
MARKING
DIAGRAMS
PDIP−16
P SUFFIX
CASE 648
MC14018BCP
AWLYYWWG
SOIC−16
D SUFFIX
CASE 751B
14018BG
AWLYWW
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G
= Pb−Free Indicator
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
16
1
1
16


Numéro de pièce similaire - MC14018B

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC14018B MOTOROLA-MC14018B Datasheet
211Kb / 6P
   Presettable Divide-By-N Counter
logo
ON Semiconductor
MC14018B ONSEMI-MC14018B Datasheet
184Kb / 8P
   Presettable Divdie-By-N Counter
March, 2000 ??Rev. 3
MC14018B ONSEMI-MC14018B Datasheet
103Kb / 5P
   Presettable Divide-By-N Counter
August, 2014 ??Rev. 8
logo
Motorola, Inc
MC14018BCL MOTOROLA-MC14018BCL Datasheet
211Kb / 6P
   Presettable Divide-By-N Counter
MC14018BCP MOTOROLA-MC14018BCP Datasheet
211Kb / 6P
   Presettable Divide-By-N Counter
More results

Description similaire - MC14018B

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
HCC4018B STMICROELECTRONICS-HCC4018B Datasheet
273Kb / 12P
   PRESETTABLE DIVIDE-BY-N COUNTER
HCF4018B STMICROELECTRONICS-HCF4018B_01 Datasheet
443Kb / 11P
   PRESETTABLE DIVIDE-BY-N COUNTER
logo
Motorola, Inc
MC14018B MOTOROLA-MC14018B Datasheet
211Kb / 6P
   Presettable Divide-By-N Counter
logo
ON Semiconductor
MC14018B ONSEMI-MC14018B_14 Datasheet
103Kb / 5P
   Presettable Divide-By-N Counter
August, 2014 ??Rev. 8
logo
Integrated Circuit Syst...
HEF4018B ICST-HEF4018B Datasheet
162Kb / 7P
   Presettable divide-by-N counter
logo
Intersil Corporation
CD4018BMS INTERSIL-CD4018BMS Datasheet
85Kb / 9P
   CMOS Presettable Divide-By- “N” Counter
November 1994
logo
Texas Instruments
CD4018B TI1-CD4018B_15 Datasheet
980Kb / 17P
[Old version datasheet]   CMOS Presettable Divide-by -N counter
CD4018B TI-CD4018B Datasheet
245Kb / 12P
[Old version datasheet]   CMOS PRESETTABLE DIVIDE-BY-N COUNTER
logo
Integral Corp.
IN74ACT161 INTEGRAL-IN74ACT161 Datasheet
222Kb / 8P
   PRESETTABLE COUNTER
logo
National Semiconductor ...
DM74LS196 NSC-DM74LS196 Datasheet
121Kb / 4P
   PRESETTABLE DECADE COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com