Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BY584 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce BY584
Description  High-voltage soft-recovery rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY584 Fiches technique(HTML) 5 Page - NXP Semiconductors

  BY584 Datasheet HTML 1Page - NXP Semiconductors BY584 Datasheet HTML 2Page - NXP Semiconductors BY584 Datasheet HTML 3Page - NXP Semiconductors BY584 Datasheet HTML 4Page - NXP Semiconductors BY584 Datasheet HTML 5Page - NXP Semiconductors BY584 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1996 Sep 26
5
Philips Semiconductors
Product specification
High-voltage soft-recovery rectifier
BY584
Fig.6 Device mounted on a printed-circuit board.
Dimensions in mm.
handbook, halfpage
MGA200
3
2
7
50
25
50
Fig.7 Reverse recovery definitions.
handbook, halfpage
90%
10%
tf
trr
Q
dI
dt
t
IF
IR
MGD569
F
r
APPLICATION INFORMATION
Fig.8 Basic circuit and waveforms for grid 2 voltage supply in colour television picture tubes.
D1 = BY584.
Stable continuous operation is ensured at ambient temperatures up to 70
°C.
handbook, full pagewidth
MBH419
horizontal
deflection-
transformer
150 nF
D1
VO
VI
to g2
1 M
VIM = 1500 V
t
t
VI
0
VO
VOM
VO(AV) = 1500 V
0
11.5
µs
64
µs


Numéro de pièce similaire - BY584

FabricantNo de pièceFiches techniqueDescription
logo
New Jersey Semi-Conduct...
BY584 NJSEMI-BY584 Datasheet
79Kb / 2P
   High-voltage soft-recovery rectifier
logo
EIC discrete Semiconduc...
BY584 EIC-BY584 Datasheet
123Kb / 2P
   HIGH VOLTAGE SOFT-RECOVERY RECTIFIER DIODE
More results

Description similaire - BY584

FabricantNo de pièceFiches techniqueDescription
logo
New Jersey Semi-Conduct...
BY584 NJSEMI-BY584 Datasheet
79Kb / 2P
   High-voltage soft-recovery rectifier
logo
NXP Semiconductors
BY505 PHILIPS-BY505 Datasheet
32Kb / 6P
   High-voltage soft-recovery rectifier
1996 Sep 26
logo
New Jersey Semi-Conduct...
BY505 NJSEMI-BY505 Datasheet
136Kb / 2P
   High-voltage soft-recovery rectifier
logo
EIC discrete Semiconduc...
BY584 EIC-BY584 Datasheet
123Kb / 2P
   HIGH VOLTAGE SOFT-RECOVERY RECTIFIER DIODE
logo
NXP Semiconductors
BY614 PHILIPS-BY614 Datasheet
30Kb / 6P
   Miniature high-voltage soft-recovery rectifier
1996 Sep 26
logo
New Jersey Semi-Conduct...
BY614 NJSEMI-BY614 Datasheet
137Kb / 2P
   Miniature high-voltage soft-recovery rectifier
logo
NXP Semiconductors
BYX90G PHILIPS-BYX90G Datasheet
52Kb / 9P
   High-voltage soft-recovery controlled avalanche rectifier
1996 Sep 26
BYX120G PHILIPS-BYX120G Datasheet
25Kb / 4P
   High-voltage soft-recovery controlled avalanche rectifier
1996 Sep 26
logo
New Jersey Semi-Conduct...
BYT61 NJSEMI-BYT61 Datasheet
139Kb / 2P
   HIGH VOLTAGE SUPERSWITCH SOFT RECOVERY
logo
NXP Semiconductors
BY9200 PHILIPS-BY9200 Datasheet
108Kb / 12P
   Ultra fast high-voltage soft-recovery controlled avalanche rectifier
1998 Dec 04
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com