Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZL50075 Fiches technique(PDF) 47 Page - Zarlink Semiconductor Inc

No de pièce ZL50075
Description  32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 2 Streams (8, 16, 32 or 64 Mbps), and 64 Inputs and 64 Outputs
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZARLINK [Zarlink Semiconductor Inc]
Site Internet  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50075 Fiches technique(HTML) 47 Page - Zarlink Semiconductor Inc

Back Button ZL50075 Datasheet HTML 43Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 44Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 45Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 46Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 47Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 48Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 49Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 50Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 51Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
ZL50075
Data Sheet
47
Zarlink Semiconductor Inc.
Note 1: Typical figures are at 25
°C, VDD_CORE at 1.8 V and VDD_IO at 3.3 V and are for design aid only: not guaranteed and not
subject to production testing.
Note 2: StoA = 65 Mbps with random patterns. CKo0 = 65 MHz, CKo1 = 32 MHz.
Note 3: Maximum leakage on pins (output or I/O pins in high impedance state) is over an applied voltage (Vin).
DC Electrical Characteristics - Voltages are with respect to ground (VSS) unless otherwise stated.
Characteristics
Sym.
Min.
Typ.1
Max.
Unit
Test Conditions
1
Core Supply Current2
IDD_CORE
500
mA
2
I/O Supply Current
IDD_IO
62
mA
Outputs Unloaded
3
Leakage Current
IDDQ
105
µA
4
Dynamic Power Dissipation
PDD
1.2
W
Outputs Unloaded
5
Input High Voltage
VIH
2.0
V
6
Input Low Voltage
VIL
0.8
V
7
Input Leakage-input pins3
IIL
5
µA0≤<VI ≤VDD_IO
8
Input Leakage-bidirectional pins
IBL
5
µA0≤<VI ≤VDD_IO
9
Pull-up Current
IPU
-33
µA
Input at 0 V
10
Pull-down Current
IPD
33
µA
Input at VDD_IO
11
Input Pin Capacitance
CI
3pF
12
Output High Voltage
VOH
2.4
V
IOH = 8 mA
13
Output Low Voltage
VOL
0.4
V
IOL = 8 mA
AC Electrical Characteristics1 - Timing Parameter Measurement Voltage Levels - Voltages are with respect to ground
(VSS) unless otherwise stated.
1. Characteristics are over recommended operating conditions unless otherwise stated.
Characteristics
Sym.
Level
Unit
Test Conditions
1
CMOS Threshold
VCT
0.5 VDD_IO
V
2
Rise/Fall Threshold Voltage High
VHM
0.7 VDD_IO
V
3
Rise/Fall Threshold Voltage Low
VLM
0.3 VDD_IO
V


Numéro de pièce similaire - ZL50075

FabricantNo de pièceFiches techniqueDescription
logo
Zarlink Semiconductor I...
ZL50070 ZARLINK-ZL50070 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50070GAC ZARLINK-ZL50070GAC Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50070GAG2 ZARLINK-ZL50070GAG2 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 67P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
More results

Description similaire - ZL50075

FabricantNo de pièceFiches techniqueDescription
logo
Zarlink Semiconductor I...
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 67P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
ZL50073 ZARLINK-ZL50073_06 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
ZL50060 ZARLINK-ZL50060 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50070 ZARLINK-ZL50070 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50051 ZARLINK-ZL50051 Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
ZL50050 ZARLINK-ZL50050 Datasheet
694Kb / 94P
   8 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 32 Inputs and 32 Outputs
ZL50062 ZARLINK-ZL50062 Datasheet
883Kb / 68P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
ZL50057 ZARLINK-ZL50057 Datasheet
815Kb / 108P
   12 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 48 Inputs and 48 Outputs
ZL50052 ZARLINK-ZL50052 Datasheet
449Kb / 59P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (32 Mbps), and 16 Inputs and 16 Outputs
ZL50063 ZARLINK-ZL50063 Datasheet
453Kb / 60P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (32Mbps), and 32 Inputs and 32 Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com