Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT1163WI-42T2 Fiches technique(PDF) 8 Page - Catalyst Semiconductor

No de pièce CAT1163WI-42T2
Description  Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1163WI-42T2 Fiches technique(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT1163WI-42T2 Datasheet HTML 4Page - Catalyst Semiconductor CAT1163WI-42T2 Datasheet HTML 5Page - Catalyst Semiconductor CAT1163WI-42T2 Datasheet HTML 6Page - Catalyst Semiconductor CAT1163WI-42T2 Datasheet HTML 7Page - Catalyst Semiconductor CAT1163WI-42T2 Datasheet HTML 8Page - Catalyst Semiconductor CAT1163WI-42T2 Datasheet HTML 9Page - Catalyst Semiconductor CAT1163WI-42T2 Datasheet HTML 10Page - Catalyst Semiconductor CAT1163WI-42T2 Datasheet HTML 11Page - Catalyst Semiconductor CAT1163WI-42T2 Datasheet HTML 12Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CAT1163
Doc. No. 3003 Rev. E
8
© 2007 Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Acknowledge
After a successful data transfer, each receiving
device is required to generate an acknowledge. The
acknowledging device pulls down the SDA line
during the ninth clock cycle, signaling that it received
the 8 bits of data.
The CAT1163 responds with an acknowledge after
receiving a START condition and its slave address.
If the device has been selected along with a write
operation, it responds with an acknowledge after
receiving each 8-bit byte.
When the CAT1163 begins a READ mode it
transmits 8 bits of data, releases the SDA line and
monitors the line for an acknowledge. Once it
receives
this
acknowledge,
the
CAT1163
will
continue to transmit data. If no acknowledge is sent
by the Master, the device terminates data transmis-
sion and waits for a STOP condition.
WRITE OPERATIONS
Byte Write
In the Byte Write mode, the Master device sends the
START condition and the slave address information
(with the R/W
¯¯ bit set to zero) to the Slave device.
After the Slave generates an acknowledge, the
Master sends a 8-bit address that is to be written
into the address pointers of the CAT1163. After
receiving another acknowledge from the Slave, the
Master device transmits the data to be written into the
addressed memory location. The CAT1163 acknow–
ledges once more and the Master generates the STOP
condition. At this time, the device begins an internal
programming cycle to non-volatile memory. While the
cycle is in progress, the device will not respond to any
request from the Master device.
Page Write
The CAT1163 writes up to 16 bytes of data in a single
write cycle, using the Page Write operation. The page
write operation is initiated in the same manner as the
byte write operation, however instead of terminating
after the initial byte is transmitted, the Master is allowed
to send up to 15 additional bytes. After each byte has
been transmitted, the CAT1163 will respond with an
acknowledge and internally increment the lower order
address bits by one. The high order bits remain
unchanged.
If the Master transmits more than 16 bytes before
sending the STOP condition, the address counter
‘wraps around,’ and previously transmitted data will be
overwritten.
When all 16 bytes are received, and the STOP
condition has been sent by the Master, the internal
programming cycle begins. At this point, all received
data is written to the CAT1163 in a single write cycle.
Figure 7. Byte Write Timing
Figure 8. Page Write Timing
BYTE
ADDRESS
SLAVE
ADDRESS
S
A
C
K
A
C
K
DATA
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
BUS ACTIVITY:
MASTER
SDA LINE
DATA n+15
BYTE
ADDRESS (n)
A
C
K
A
C
K
DATA n
A
C
K
S
T
O
P
S
A
C
K
DATA n+1
A
C
K
S
T
A
R
T
P
SLAVE
ADDRESS


Numéro de pièce similaire - CAT1163WI-42T2

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT1163WI-42-GT3 CATALYST-CAT1163WI-42-GT3 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1163WI-42-GT3 ONSEMI-CAT1163WI-42-GT3 Datasheet
239Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3003 Rev. I
More results

Description similaire - CAT1163WI-42T2

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1163 ONSEMI-CAT1163 Datasheet
239Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3003 Rev. I
logo
Catalyst Semiconductor
CAT1161_0711 CATALYST-CAT1161_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161JI-30 ONSEMI-CAT1161JI-30 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT1163 CATALYST-CAT1163 Datasheet
69Kb / 12P
   Supervisory Circuit with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
logo
ON Semiconductor
CAT1161JI-28 ONSEMI-CAT1161JI-28 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 - Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com