Moteur de recherche de fiches techniques de composants électroniques |
|
CAT24WC64LETE13B Fiches technique(PDF) 7 Page - Catalyst Semiconductor |
|
CAT24WC64LETE13B Fiches technique(HTML) 7 Page - Catalyst Semiconductor |
7 / 12 page CAT24WC32/64 7 Doc. No. 1039, Rev. G © 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice will accept both slave and byte addresses, but the memory location accessed is protected from program- ming by the device’s failure to send an acknowledge after the first byte of data is received. READ OPERATIONS The READ operation for the CAT24WC32/64 is initiated in the same manner as the write operation with one exception, that R/ W bit is set to one. Three different READ operations are possible: Immediate/Current Ad- dress READ, Selective/Random READ and Sequential READ. Immediate/Current Address Read The CAT24WC32/64’s address counter contains the address of the last byte accessed, incremented by one. In other words, if the last READ or WRITE access was to address N, the READ immediately following would access data from address N+1. If N=E (where E=4095 for 24WC32 and E=8191 for 24WC64), then the counter will ‘wrap around’ to address 0 and continue to clock out data. After the CAT24WC32/64 receives its slave ad- dress information (with the R/ W bit set to one), it issues an acknowledge, then transmits the 8 bit byte requested. The master device does not send an acknowledge, but will generate a STOP condition. Selective/Random Read Selective/Random READ operations allow the Master device to select at random any memory location for a READ operation. The Master device first performs a ‘dummy’ write operation by sending the START condi- tion, slave address and byte addresses of the location it wishes to read. After CAT24WC32/64 acknowledges, the Master device sends the START condition and the slave address again, this time with the R/ W bit set to one. The CAT24WC32/64 then responds with its acknowl- edge and sends the 8-bit byte requested. The master device does not send an acknowledge but will generate a STOP condition. Sequential Read The Sequential READ operation can be initiated by either the Immediate Address READ or Selective READ operations. After the CAT24WC32/64 sends the initial 8- bit byte requested, the Master will respond with an acknowledge which tells the device it requires more data. The CAT24WC32/64 will continue to output an 8- bit byte for each acknowledge sent by the Master. The operation will terminate when the Master fails to respond with an acknowledge, thus sending the STOP condition. The data being transmitted from CAT24WC32/64 is outputted sequentially with data from address N fol- lowed by data from address N+1. The READ operation address counter increments all of the CAT24WC32/64 address bits so that the entire memory array can be read during one operation. If more than E (where E=4095 for 24WC32 and E=8191 for 24WC64) bytes are read out, the counter will ‘wrap around’ and continue to clock out data bytes. Figure 8. Immediate Address Read Timing 24WC32/64 F10 SCL SDA 8TH BIT STOP NO ACK DATA OUT 89 SLAVE ADDRESS S A C K BUS ACTIVITY: MASTER SDA LINE S T A R T N O A C K DATA S T O P P |
Numéro de pièce similaire - CAT24WC64LETE13B |
|
Description similaire - CAT24WC64LETE13B |