Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC1496B Fiches technique(PDF) 10 Page - ON Semiconductor

No de pièce MC1496B
Description  Balanced Modulators/Demodulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1496B Fiches technique(HTML) 10 Page - ON Semiconductor

Back Button MC1496B Datasheet HTML 6Page - ON Semiconductor MC1496B Datasheet HTML 7Page - ON Semiconductor MC1496B Datasheet HTML 8Page - ON Semiconductor MC1496B Datasheet HTML 9Page - ON Semiconductor MC1496B Datasheet HTML 10Page - ON Semiconductor MC1496B Datasheet HTML 11Page - ON Semiconductor MC1496B Datasheet HTML 12Page - ON Semiconductor MC1496B Datasheet HTML 13Page - ON Semiconductor MC1496B Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MC1496, MC1496B
http://onsemi.com
10
be introduced with or without modulation, provided its level
is sufficiently high to saturate the upper quad differential
amplifier. If the carrier signal is modulated, a 300 mVrms
input level is recommended.
Doubly Balanced Mixer
The MC1496 may be used as a doubly balanced mixer
with either broadband or tuned narrow band input and output
networks.
The local oscillator signal is introduced at the carrier input
port with a recommended amplitude of 100 mVrms.
Figure 29 shows a mixer with a broadband input and a
tuned output.
Frequency Doubler
The MC1496 will operate as a frequency doubler by
introducing the same frequency at both input ports.
Figures 30 and 31 show a broadband frequency doubler
and a tuned output very high frequency (VHF) doubler,
respectively.
Phase Detection and FM Detection
The MC1496 will function as a phase detector. High−level
input signals are introduced at both inputs. When both inputs
are at the same frequency the MC1496 will deliver an output
which is a function of the phase difference between the two
input signals.
An FM detector may be constructed by using the phase
detector principle. A tuned circuit is added at one of the
inputs to cause the two input signals to vary in phase as a
function of frequency. The MC1496 will then provide an
output which is a function of the input signal frequency.
VS
DSB
MC1496
VCC
12 Vd
R1
+
Carrier Input
60 mVrms
Carrier
Input
1.0 k
1.0 k
Carrier Null
Carrier Adjust
1.0 k
Re 1.0 k
2
RL
3.9 k
3
RL
3.9
+
12
6
6.8 k
I5
VEE
−8.0 Vdc
10 k
10 k
51
51
Modulating
Signal
Input
VC
14
5
0.1
mF
0.1
mF
50 k
+
MC1496
Output
0.1
mF
0.1
mF
0.1
mF
VCC
12 Vdc
10 k
100
100
10 k
3.0 k
3.0 k
1.0 k
1.3 k
820
50 k
10 k
10
mF
15 V
Signal Input
300 mVrms
Modulating
Carrier
Null
+
25
mF
15 V
51
25
mF
15 V
2
3
14
5
Modulating
Signal
Input
VS
VC
1.0
mF
Carrier
Input
50 k
750
51
51
750
VEE
−8.0 Vdc
15
6.8 k
RL
3.9 k
Re 1.0 k
23
14
5
0.1
mF
−Vo
+Vo
VCC
12 Vdc
51
51
1.0 k
1.0 k
MC1496
2
3
14
5
MC1496
1.3 k
820
1.0 k
Carrier Input
300 mVrms
SSB Input
51
100
3.0 k
3.0 k
0.005
mF
10 k
0.1
mF
1.0 k
0.1
mF
0.1
mF
0.1
mF
0.1
mF
VCC
12 Vdc
AF
Outp
RLq 10
0.005
mF
TYPICAL APPLICATIONS
1.0 k
8
4
1
10
12
6
12
6
12
6
RL
3.9 k
8
4
1
10
8
4
1
10
8
4
1
10
Figure 25. Balanced Modulator
(12 Vdc Single Supply)
Figure 26. Balanced Modulator−Demodulator
Figure 27. AM Modulator Circuit
Figure 28. Product Detector
(12 Vdc Single Supply)
1.0 k
0.005
mF


Numéro de pièce similaire - MC1496B

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC1496B ONSEMI-MC1496B Datasheet
310Kb / 14P
   BALANCED MODULATORS/DEMODULATORS
April, 2004 ??Rev. 9
MC1496BD ONSEMI-MC1496BD Datasheet
310Kb / 14P
   BALANCED MODULATORS/DEMODULATORS
April, 2004 ??Rev. 9
MC1496BDR2 ONSEMI-MC1496BDR2 Datasheet
310Kb / 14P
   BALANCED MODULATORS/DEMODULATORS
April, 2004 ??Rev. 9
MC1496BP ONSEMI-MC1496BP Datasheet
310Kb / 14P
   BALANCED MODULATORS/DEMODULATORS
April, 2004 ??Rev. 9
More results

Description similaire - MC1496B

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC1496 ONSEMI-MC1496 Datasheet
310Kb / 14P
   BALANCED MODULATORS/DEMODULATORS
April, 2004 ??Rev. 9
logo
Anaren Microwave
70668 ANAREN-70668 Datasheet
197Kb / 1P
   Modulators Balanced
70666 ANAREN-70666 Datasheet
192Kb / 1P
   Modulators Balanced
logo
List of Unclassifed Man...
SL1641C ETC1-SL1641C Datasheet
202Kb / 2P
   DOUBLE BALANCED MODULATORS
logo
Marki Microwave
M1B-0618 MARKIMICROWAVE-M1B-0618 Datasheet
215Kb / 2P
   DOUBLE-BALANCED MIXERS BI-PHASE MODULATORS
logo
Merrimac Industries, In...
BPM-2A-250 MERRIMAC-BPM-2A-250 Datasheet
186Kb / 1P
   BIPHASE MODULATORS
JPF-21F-1200B MERRIMAC-JPF-21F-1200B Datasheet
154Kb / 2P
   QUADRAPHASE MODULATORS
JTM-2A-10B MERRIMAC-JTM-2A-10B Datasheet
118Kb / 1P
   QUADRAPHASE MODULATORS
JPP-21R-10B MERRIMAC-JPP-21R-10B Datasheet
124Kb / 2P
   QUADRAPHASE MODULATORS
logo
SYNERGY MICROWAVE CORPO...
SBM-C4 SYNERGY-SBM-C4 Datasheet
267Kb / 3P
   BPSK MODULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com