Moteur de recherche de fiches techniques de composants électroniques |
|
MC10124FN Fiches technique(PDF) 5 Page - ON Semiconductor |
|
MC10124FN Fiches technique(HTML) 5 Page - ON Semiconductor |
5 / 8 page MC10124 http://onsemi.com 5 SWITCHING TIME TEST CIRCUIT 50-ohm termination to ground lo- cated in each scope channel input. All input and output cables to the scope are equal lengths of 50-ohm coaxial cable. Wire length should be < 1/4 inch from TPin to input pin and TPout to output pin. NOTE: All power supply and logic levels are shown shifted 2 volts positive. Unused outputs connected to a 50-ohm resistor to ground. Vout NAND Vout AND 0.1 µF Coax Coax 16 8 0.1 µF 25 µF 0.1 µF + 2.0 Vdc -3.2 Vdc VEE 3 0.1 µF Pulse Generator 11 13 14 10 12 15 7 1 6 5 4 2 Coax Vin Input 25 µF +6.0 Vdc VCC +7.0 Vdc Input Pulse t+ = t- = 5.5 ±0.5 ns (10 to 90%) |
Numéro de pièce similaire - MC10124FN |
|
Description similaire - MC10124FN |