Moteur de recherche de fiches techniques de composants électroniques |
|
CAT28C64BG-15T Fiches technique(PDF) 6 Page - Catalyst Semiconductor |
|
CAT28C64BG-15T Fiches technique(HTML) 6 Page - Catalyst Semiconductor |
6 / 13 page CAT28C64B 6 Doc. No. 1011, Rev. F A.C. CHARACTERISTICS, Write Cycle VCC = 5V ±10%, unless otherwise specified. 28C64B-90 28C64B-12 28C64B-15 Symbol Parameter Min. Max. Min. Max. Min. Max. Units tWC Write Cycle Time 5 5 5 ms tAS Address Setup Time 0 0 0 ns tAH Address Hold Time 100 100 100 ns tCS CE Setup Time 0 0 0 ns tCH CE Hold Time 0 0 0 ns tCW(2) CE Pulse Time 110 110 110 ns tOES OE Setup Time 0 0 0 ns tOEH OE Hold Time 0 0 0 ns tWP(2) WE Pulse Width 110 110 110 ns tDS Data Setup Time 60 60 60 ns tDH Data Hold Time 0 0 0 ns tINIT(1) Write Inhibit Period After Power-up 5 10 5 10 5 10 ms tBLC(1)(3) Byte Load Cycle Time .05 100 .05 100 .05 100 µs Note: (1) This parameter is tested initially and after a design or process change that affects the parameter. (2) A write pulse of less than 20ns duration will not initiate a write cycle. (3) A timer of duration tBLC max. begins with every LOW to HIGH transition of WE. If allowed to time out, a page or byte write will begin; however a transition from HIGH to LOW within tBLC max. stops the timer. |
Numéro de pièce similaire - CAT28C64BG-15T |
|
Description similaire - CAT28C64BG-15T |