Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC7805CTG Fiches technique(PDF) 26 Page - ON Semiconductor

No de pièce MC7805CTG
Description  1.0 A Positive Voltage Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7805CTG Fiches technique(HTML) 26 Page - ON Semiconductor

Back Button MC7805CTG Datasheet HTML 22Page - ON Semiconductor MC7805CTG Datasheet HTML 23Page - ON Semiconductor MC7805CTG Datasheet HTML 24Page - ON Semiconductor MC7805CTG Datasheet HTML 25Page - ON Semiconductor MC7805CTG Datasheet HTML 26Page - ON Semiconductor MC7805CTG Datasheet HTML 27Page - ON Semiconductor MC7805CTG Datasheet HTML 28Page - ON Semiconductor MC7805CTG Datasheet HTML 29Page - ON Semiconductor MC7805CTG Datasheet HTML 30Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
MC7800, MC7800A, NCV7805
http://onsemi.com
26
ORDERING INFORMATION
Device
Shipping
Package
Operating
Temperature Range
Nominal Voltage
MC7812BDTRK
12 V
T = −40
°C to +125°C
DPAK
2500 / Tape & Reel
MC7812BDTRKG
DPAK
(Pb−free)
2500 / Tape & Reel
MC7812BT
TO 220
50 Units /Rail
MC7812BTG
TO 220
(Pb−free)
50 Units /Rail
NCV7812BD2T *
D2PAK
50 Units /Rail
NCV7812BD2TR4 *
D2PAK
800 / Tape & Reel
NCV7812BT *
TO 220
50 Units /Rail
MC7812CD2T
T = 0
°C to +125°C
D2PAK
50 Units /Rail
MC7812CD2TG
D2PAK
(Pb−free)
50 Units /Rail
MC7812CD2TR4
D2PAK
800 / Tape & Reel
MC7812CD2TR4G
D2PAK
(Pb−free)
800 / Tape & Reel
MC7812CDT
DPAK
75 Units / Rail
MC7812CDTG
DPAK
(Pb−free)
75 Units / Rail
MC7812CDTRK
DPAK
2500 / Tape & Reel
MC7812CDTRKG
DPAK
(Pb−free)
2500 / Tape & Reel
MC7812CT
TO 220
50 Units /Rail
MC7812CTG
TO 220
(Pb−free)
50 Units /Rail
MC7815ABD2T
15 V
T = −40
°C to +125°C
D2PAK
50 Units /Rail
MC7815ABD2TG
D2PAK
(Pb−free)
50 Units /Rail
MC7815ABD2TR4
D2PAK
800 / Tape & Reel
MC7815ABD2TR4G
D2PAK
(Pb−free)
800 / Tape & Reel
MC7815ABT
TO 220
50 Units /Rail
MC7815ABTG
TO 220
(Pb−free)
50 Units /Rail
MC7815ACD2T
T = 0
°C to +125°C
D2PAK
50 Units /Rail
MC7815ACD2TG
D2PAK
(Pb−free)
50 Units /Rail
MC7815ACT
TO 220
50 Units /Rail
MC7815ACTG
TO 220
(Pb−free)
50 Units /Rail
MC7815BD2T
T = −40
°C to +125°C
D2PAK
50 Units /Rail
MC7815BD2TG
D2PAK
(Pb−free)
50 Units /Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifi-
cations Brochure, BRD8011/D.
*NCV devices: Tlow = −40
°C, Thigh = +125°C. Guaranteed by design. NCV prefix is for automotive and other applications requiring site and
change control.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
LM317 3-Terminal Adjustable Output Positive Voltage Regulators 1  2  3  4  5  More Vishay Siliconix
LM317CM 3-Terminal Adjustable Output Positive Voltage Regulators 1  2  3  4  5  More Vishay Siliconix
LD1117A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1  2  3  4  5  More STMicroelectronics
LM7800 3-Terminal Positive Voltage Regulators 1  2  3  4  5  More National Semiconductor (TI)
LM323_02 3.0 A Positive Voltage Regulators 1  2  3  4  5  More ON Semiconductor
LR1106 LARGE CURRENT POSITIVE VOLTAGE REGULATORS 1  2  3  4  5  More Unisonic Technologies
LR1118 LOW DROP POSITIVE VOLTAGE REGULATORS 1  2  3  4  5  More Unisonic Technologies
LD1117 LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1  2  3  4  5  More STMicroelectronics
LD1117_05 LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1  2  3  4  5  More Unisonic Technologies
MC78M00_06 500 mA Positive Voltage Regulators 1  2  3  4  5  More ON Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn