Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC7805CTG Datasheet(Fiches technique) 22 Page - ON Semiconductor

Numéro de pièce MC7805CTG
Description  1.0 A Positive Voltage Regulators
Télécharger  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7805CTG Datasheet(HTML) 22 Page - ON Semiconductor

Back Button MC7805CTG Datenblatt HTML 18Page - ON Semiconductor MC7805CTG Datenblatt HTML 19Page - ON Semiconductor MC7805CTG Datenblatt HTML 20Page - ON Semiconductor MC7805CTG Datenblatt HTML 21Page - ON Semiconductor MC7805CTG Datasheet HTML 22Page - ON Semiconductor MC7805CTG Datenblatt HTML 23Page - ON Semiconductor MC7805CTG Datenblatt HTML 24Page - ON Semiconductor MC7805CTG Datenblatt HTML 25Page - ON Semiconductor MC7805CTG Datenblatt HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
MC7800, MC7800A, NCV7805
http://onsemi.com
22
DEFINITIONS
Line Regulation − The change in output voltage for a
change in the input voltage. The measurement is made under
conditions of low dissipation or by using pulse techniques
such that the average chip temperature is not significantly
affected.
Load Regulation − The change in output voltage for a
change in load current at constant chip temperature.
Maximum Power Dissipation − The maximum total
device dissipation for which the regulator will operate
within specifications.
Quiescent Current − That part of the input current that is
not delivered to the load.
Output Noise Voltage − The rms ac voltage at the output,
with constant load and no input ripple, measured over a
specified frequency range.
Long Term Stability − Output voltage stability under
accelerated life test conditions with the maximum rated
voltage listed in the devices’ electrical characteristics and
maximum power dissipation.
ORDERING INFORMATION
Device
Nominal Voltage
Operating
Temperature Range
Package
Shipping
MC7805ABD2T
5.0 V
T = −40
°C to +125°C
D2PAK
50 Units /Rail
MC7805ABD2TG
D2PAK
(Pb−free)
50 Units /Rail
MC7805ABD2TR4
D2PAK
800 / Tape & Reel
MC7805ABD2TR4G
D2PAK
(Pb−free)
800 / Tape & Reel
MC7805ABT
TO 220
50 Units /Rail
MC7805ABTG
TO 220
(Pb−free)
50 Units /Rail
MC7805ACD2T
T = 0
°C to +125°C
D2PAK
50 Units /Rail
MC7805ACD2TG
D2PAK
(Pb−free)
50 Units /Rail
MC7805ACD2TR4
D2PAK
800 / Tape & Reel
MC7805ACD2TR4G
D2PAK
(Pb−free)
800 / Tape & Reel
MC7805ACT
TO 220
50 Units /Rail
MC7805ACTG
TO 220
(Pb−free)
50 Units /Rail
MC7805BD2T
T = −40
°C to +125°C
D2PAK
50 Units /Rail
MC7805BD2TG
D2PAK
(Pb−free)
50 Units /Rail
MC7805BD2TR4
D2PAK
800 / Tape & Reel
MC7805BD2TR4G
D2PAK
(Pb−free)
800 / Tape & Reel
MC7805BDT
DPAK
75 Units / Rail
MC7805BDTG
DPAK
(Pb−free)
75 Units / Rail
MC7805BDTRK
DPAK
2500 / Tape & Reel
MC7805BDTRKG
DPAK
(Pb−free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifi-
cations Brochure, BRD8011/D.
*NCV devices: Tlow = −40
°C, Thigh = +125°C. Guaranteed by design. NCV prefix is for automotive and other applications requiring site and
change control.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn