Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC7805CTG Fiches technique(PDF) 21 Page - ON Semiconductor

No de pièce MC7805CTG
Description  1.0 A Positive Voltage Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7805CTG Fiches technique(HTML) 21 Page - ON Semiconductor

Back Button MC7805CTG Datasheet HTML 17Page - ON Semiconductor MC7805CTG Datasheet HTML 18Page - ON Semiconductor MC7805CTG Datasheet HTML 19Page - ON Semiconductor MC7805CTG Datasheet HTML 20Page - ON Semiconductor MC7805CTG Datasheet HTML 21Page - ON Semiconductor MC7805CTG Datasheet HTML 22Page - ON Semiconductor MC7805CTG Datasheet HTML 23Page - ON Semiconductor MC7805CTG Datasheet HTML 24Page - ON Semiconductor MC7805CTG Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
MC7800, MC7800A, NCV7805
http://onsemi.com
21
Figure 12. Worst Case Power Dissipation versus
Ambient Temperature (Case 221A)
Figure 13. Input Output Differential as a Function
of Junction Temperature (MC78XXC, AC, B)
20
16
12
8.0
4.0
0
−50
−25
0
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (°C)
qHS = 0°C/W
0.5
0
−75
−50
−25
0
25
50
75
100
125
TJ, JUNCTION TEMPERATURE (°C)
IO = 0 mA
IO = 20 mA
IO = 1.0 A
IO = 500 mA
IO = 200 mA
DVO = 2% of VO
− − − Extended Curve for MC78XXB
qJC = 5°C/W
qJA = 65°C/W
TJ(max) = 150°C
qHS = 5°C/W
qHS = 15°C/W
No Heatsink
2.0
1.5
1.0
2.5
Figure 14. D2PAK Thermal Resistance and Maximum
Power Dissipation versus P.C.B. Copper Length
30
40
50
60
70
80
1.0
1.5
2.0
2.5
3.0
3.5
0
102030
25
15
5.0
L, LENGTH OF COPPER (mm)
PD(max) for TA = 50°C
Minimum
Size Pad
2.0 oz. Copper
L
L
Free Air
Mounted
Vertically
RqJA
40
50
60
70
80
90
100
0
0.4
0.8
1.2
1.6
2.0
2.4
010
20
30
25
15
5.0
L, LENGTH OF COPPER (mm)
PD(max) for TA = 50°C
Minimum
Size Pad
L
L
Free Air
Mounted
Vertically
RqJA
2.0 oz. Copper
Figure 15. DPAK Thermal Resistance and Maximum
Power Dissipation versus P.C.B. Copper Length


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
LM317 3-Terminal Adjustable Output Positive Voltage Regulators 1  2  3  4  5  More Vishay Siliconix
LM317CM 3-Terminal Adjustable Output Positive Voltage Regulators 1  2  3  4  5  More Vishay Siliconix
LD1117A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1  2  3  4  5  More STMicroelectronics
LM7800 3-Terminal Positive Voltage Regulators 1  2  3  4  5  More National Semiconductor (TI)
LM323_02 3.0 A Positive Voltage Regulators 1  2  3  4  5  More ON Semiconductor
LR1106 LARGE CURRENT POSITIVE VOLTAGE REGULATORS 1  2  3  4  5  More Unisonic Technologies
LR1118 LOW DROP POSITIVE VOLTAGE REGULATORS 1  2  3  4  5  More Unisonic Technologies
LD1117 LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1  2  3  4  5  More STMicroelectronics
LD1117_05 LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1  2  3  4  5  More Unisonic Technologies
MC78M00_06 500 mA Positive Voltage Regulators 1  2  3  4  5  More ON Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn