Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC7805CTG Fiches technique(PDF) 19 Page - ON Semiconductor

No de pièce MC7805CTG
Description  1.0 A Positive Voltage Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7805CTG Fiches technique(HTML) 19 Page - ON Semiconductor

Back Button MC7805CTG Datasheet HTML 15Page - ON Semiconductor MC7805CTG Datasheet HTML 16Page - ON Semiconductor MC7805CTG Datasheet HTML 17Page - ON Semiconductor MC7805CTG Datasheet HTML 18Page - ON Semiconductor MC7805CTG Datasheet HTML 19Page - ON Semiconductor MC7805CTG Datasheet HTML 20Page - ON Semiconductor MC7805CTG Datasheet HTML 21Page - ON Semiconductor MC7805CTG Datasheet HTML 22Page - ON Semiconductor MC7805CTG Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
MC7800, MC7800A, NCV7805
http://onsemi.com
19
Figure 2. Peak Output Current as a Function of
Input/Output Differential Voltage (MC78XXC, AC, B)
Figure 3. Ripple Rejection as a Function of
Output Voltages (MC78XXC, AC, B)
Figure 4. Ripple Rejection as a Function of
Frequency (MC78XXC, AC, B)
Figure 5. Output Voltage as a Function of
Junction Temperature (MC7805C, AC, B)
Figure 6. Output Impedance as a Function of
Output Voltage (MC78XXC, AC, B)
Figure 7. Quiescent Current as a Function of
Temperature (MC78XXC, AC, B)
Vin−Vout, INPUT/OUTPUT VOLTAGE DIFFERENTIAL (V)
3.0
2.0
1.5
1.0
0
4.0
8.0
12
20
30
40
80
70
60
50
40
4.0
6.0
8.0
10
12
14
16
18
20
22
24
VO, OUTPUT VOLTAGE (V)
PART #
Vin
MC7805C= 10 V
MC7806C= 11 V
MC7808C= 14 V
MC7812C= 19 V
MC7815C= 23 V
MC7818C= 27 V
MC7824C= 33 V
80
50
0.1
10
f, FREQUENCY (kHz)
0.01
5.0
4.9
−60
−20
20
60
100
140
180
TJ, JUNCTION TEMPERATURE (°C)
10
5.0
3.0
2.0
1.0
0.5
0.3
0.2
0.1
4.0
8.0
12
16
20
24
VO, OUTPUT VOLTAGE (V)
6.0
4.0
3.0
2.0
1.0
0
−75
−50
TJ, JUNCTION TEMPERATURE (°C)
−25
0
25
50
75
100
125
2.5
0.5
70
40
30
60
4.8
6.0
10
15
25
35
TJ = 85°C
TJ = 25°C
1.0
f = 120 Hz
IO = 20 mA
DVin = 1.0 V(RMS)
TJ = 125°C
TJ = 0°C
f = 120 Hz
IO = 500 mA
CL = 0 mF
Vin = 10 V
VO = 5.0 V
IL = 20 mA
Vin = 20 V
IO = 5.0 mA
MC78XXB, C, AC
Vin = 8.0 V to 18 V
IO = 500 mA
f = 120 Hz
TA = 25°C
TJ = −40°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
LM317 3-Terminal Adjustable Output Positive Voltage Regulators 1  2  3  4  5  More Vishay Siliconix
LM317CM 3-Terminal Adjustable Output Positive Voltage Regulators 1  2  3  4  5  More Vishay Siliconix
LD1117A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1  2  3  4  5  More STMicroelectronics
LM7800 3-Terminal Positive Voltage Regulators 1  2  3  4  5  More National Semiconductor (TI)
LM323_02 3.0 A Positive Voltage Regulators 1  2  3  4  5  More ON Semiconductor
LR1106 LARGE CURRENT POSITIVE VOLTAGE REGULATORS 1  2  3  4  5  More Unisonic Technologies
LR1118 LOW DROP POSITIVE VOLTAGE REGULATORS 1  2  3  4  5  More Unisonic Technologies
LD1117 LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1  2  3  4  5  More STMicroelectronics
LD1117_05 LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1  2  3  4  5  More Unisonic Technologies
MC78M00_06 500 mA Positive Voltage Regulators 1  2  3  4  5  More ON Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn