Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC7805CTG Fiches technique(PDF) 18 Page - ON Semiconductor

No de pièce MC7805CTG
Description  1.0 A Positive Voltage Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7805CTG Fiches technique(HTML) 18 Page - ON Semiconductor

Back Button MC7805CTG Datasheet HTML 14Page - ON Semiconductor MC7805CTG Datasheet HTML 15Page - ON Semiconductor MC7805CTG Datasheet HTML 16Page - ON Semiconductor MC7805CTG Datasheet HTML 17Page - ON Semiconductor MC7805CTG Datasheet HTML 18Page - ON Semiconductor MC7805CTG Datasheet HTML 19Page - ON Semiconductor MC7805CTG Datasheet HTML 20Page - ON Semiconductor MC7805CTG Datasheet HTML 21Page - ON Semiconductor MC7805CTG Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
MC7800, MC7800A, NCV7805
http://onsemi.com
18
ELECTRICAL CHARACTERISTICS (Vin = 33 V, IO = 1.0 A, TJ = Tlow to Thigh (Note 30), unless otherwise noted)
MC7824AC
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
23.5
24
24.5
Vdc
Output Voltage (5.0 mA
≤ IO ≤ 1.0 A, PD ≤ 15 W)
VO
23.2
24
25.8
Vdc
27.3 Vdc
≤ Vin ≤ 38 Vdc
Line Regulation (Note 31)
Regline
mV
27 Vdc
≤ Vin ≤ 38 Vdc, IO = 500 mA
11.5
25
30 Vdc
≤ Vin ≤ 36 Vdc, IO = 1.0 A
3.8
28
30 Vdc
≤ Vin ≤ 36 Vdc, TJ = 25°C
3.8
12
26.7 Vdc
≤ Vin ≤ 38 Vdc, IO = 1.0 A, TJ = 25°C
10
25
Load Regulation (Note 31)
Regload
mV
5.0 mA
≤ IO ≤ 1.5 A, TJ = 25°C
2.1
15
5.0 mA
≤ IO ≤ 1.0 A
2.0
25
250 mA
≤ IO ≤ 750 mA
1.8
15
Quiescent Current
IB
3.6
6.0
mA
Quiescent Current Change
DIB
mA
27.3 Vdc
≤ Vin ≤ 38 Vdc, IO = 500 mA
0.8
27 Vdc
≤ Vin ≤ 38 Vdc, TJ = 25°C
0.8
5.0 mA
≤ IO ≤ 1.0 A
0.5
Ripple Rejection
RR
45
54
dB
28 Vdc
≤ Vin ≤ 38 Vdc, f = 120 Hz, IO = 500 mA
Dropout Voltage (IO = 1.0 A, TJ = 25°C)
VI − VO
2.0
Vdc
Output Noise Voltage (TA = 25°C)
Vn
10
mV/VO
10 Hz
≤ f ≤ 100 kHz
Output Resistance (f = 1.0 kHz)
rO
1.4
m
W
Short Circuit Current Limit (TA = 25°C)
ISC
0.2
A
Vin = 35 Vdc
Peak Output Current (TJ = 25°C)
Imax
2.2
A
Average Temperature Coefficient of Output Voltage
TCVO
−2.0
mV/
°C
30. Tlow =0°C for MC78XXAC, C
Thigh = +125°C for MC78XXAC, C, NCV7805
=
*40°C for MC78XXB, MC78XXAB, NCV7805
31. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
LM317 3-Terminal Adjustable Output Positive Voltage Regulators 1  2  3  4  5  More Vishay Siliconix
LM317CM 3-Terminal Adjustable Output Positive Voltage Regulators 1  2  3  4  5  More Vishay Siliconix
LD1117A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1  2  3  4  5  More STMicroelectronics
LM7800 3-Terminal Positive Voltage Regulators 1  2  3  4  5  More National Semiconductor (TI)
LM323_02 3.0 A Positive Voltage Regulators 1  2  3  4  5  More ON Semiconductor
LR1106 LARGE CURRENT POSITIVE VOLTAGE REGULATORS 1  2  3  4  5  More Unisonic Technologies
LR1118 LOW DROP POSITIVE VOLTAGE REGULATORS 1  2  3  4  5  More Unisonic Technologies
LD1117 LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1  2  3  4  5  More STMicroelectronics
LD1117_05 LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1  2  3  4  5  More Unisonic Technologies
MC78M00_06 500 mA Positive Voltage Regulators 1  2  3  4  5  More ON Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn