Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC7805CTG Datasheet(Fiches technique) 15 Page - ON Semiconductor

Numéro de pièce MC7805CTG
Description  1.0 A Positive Voltage Regulators
Télécharger  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7805CTG Datasheet(HTML) 15 Page - ON Semiconductor

Back Button MC7805CTG Datenblatt HTML 11Page - ON Semiconductor MC7805CTG Datenblatt HTML 12Page - ON Semiconductor MC7805CTG Datenblatt HTML 13Page - ON Semiconductor MC7805CTG Datenblatt HTML 14Page - ON Semiconductor MC7805CTG Datasheet HTML 15Page - ON Semiconductor MC7805CTG Datenblatt HTML 16Page - ON Semiconductor MC7805CTG Datenblatt HTML 17Page - ON Semiconductor MC7805CTG Datenblatt HTML 18Page - ON Semiconductor MC7805CTG Datenblatt HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
MC7800, MC7800A, NCV7805
http://onsemi.com
15
ELECTRICAL CHARACTERISTICS (Vin = 27 V, IO = 500 mA, TJ = Tlow to Thigh (Note 24), unless otherwise noted)
MC7818B
MC7818C
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
17.3
18
18.7
17.3
18
18.7
Vdc
Output Voltage (5.0 mA
≤ IO ≤ 1.0 A, PD ≤ 15 W)
VO
Vdc
21 Vdc
≤ Vin ≤ 33 Vdc
17.1
18
18.9
22 Vdc
≤ Vin ≤ 33 Vdc
17.1
18
18.9
Line Regulation, (Note 25)
Regline
mV
21 Vdc
≤ Vin ≤ 33 Vdc
9.5
360
9.5
50
24 Vdc
≤ Vin ≤ 30 Vdc
3.2
180
3.2
25
Load Regulation, (Note 25)
Regload
2.0
360
2.0
55
mV
5.0 mA
≤ IO ≤ 1.5 A
Quiescent Current
IB
3.5
8.0
3.5
6.5
mA
Quiescent Current Change
DIB
mA
21 Vdc
≤ Vin ≤ 33 Vdc
1.0
5.0 mA
≤ IO ≤ 1.0 A
0.5
0.5
Ripple Rejection
RR
57
53
57
dB
22 Vdc
≤ Vin ≤ 33 Vdc, f = 120 Hz
Dropout Voltage (IO = 1.0 A, TJ = 25°C)
ViI − VO
2.0
2.0
Vdc
Output Noise Voltage (TA = 25°C)
Vn
10
10
mV/VO
10 Hz
≤ f ≤ 100 kHz
Output Resistance f = 1.0 kHz
rO
1.3
1.3
m
W
Short Circuit Current Limit (TA = 25°C)
ISC
0.2
0.2
A
Vin = 35 Vdc
Peak Output Current (TJ = 25°C)
Imax
2.2
2.2
A
Average Temperature Coefficient of Output Voltage
TCVO
−1.5
−1.5
mV/
°C
24. Tlow =0°C for MC78XXAC, C
Thigh = +125°C for MC78XXAC, C, NCV7805
=
*40°C for MC78XXB, MC78XXAB, NCV7805
25. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn