Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC7805CTG Datasheet(Fiches technique) 13 Page - ON Semiconductor

Numéro de pièce MC7805CTG
Description  1.0 A Positive Voltage Regulators
Télécharger  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7805CTG Datasheet(HTML) 13 Page - ON Semiconductor

Back Button MC7805CTG Datenblatt HTML 9Page - ON Semiconductor MC7805CTG Datenblatt HTML 10Page - ON Semiconductor MC7805CTG Datenblatt HTML 11Page - ON Semiconductor MC7805CTG Datenblatt HTML 12Page - ON Semiconductor MC7805CTG Datasheet HTML 13Page - ON Semiconductor MC7805CTG Datenblatt HTML 14Page - ON Semiconductor MC7805CTG Datenblatt HTML 15Page - ON Semiconductor MC7805CTG Datenblatt HTML 16Page - ON Semiconductor MC7805CTG Datenblatt HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
MC7800, MC7800A, NCV7805
http://onsemi.com
13
ELECTRICAL CHARACTERISTICS (Vin = 23 V, IO = 500 mA, TJ = Tlow to Thigh (Note 20), unless otherwise noted)
MC7815B
MC7815C
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
14.4
15
15.6
14.4
15
15.6
Vdc
Output Voltage (5.0 mA
≤ IO ≤ 1.0 A, PD ≤ 15 W)
VO
Vdc
17.5 Vdc
≤ Vin ≤ 30 Vdc
14.25
15
15.75
18.5 Vdc
≤ Vin ≤ 30 Vdc
14.25
15
15.75
Line Regulation, TJ = 25°C (Note 21)
Regline
mV
17.9 Vdc
≤ Vin ≤ 30 Vdc
8.5
300
8.5
30
20 Vdc
≤ Vin ≤ 26 Vdc
3.0
150
3.0
28
Load Regulation, TJ = 25°C (Note 21)
Regload
1.8
300
1.8
55
mV
5.0 mA
≤ IO ≤ 1.5 A
Quiescent Current
IB
3.5
8.0
3.5
6.5
mA
Quiescent Current Change
DIB
mA
17.5 Vdc
≤ Vin ≤ 30 Vdc
0.8
17.5 Vdc
≤ Vin ≤ 30 Vdc, IO = 1.0 A, TJ = 25°C
1.0
0.7
5.0 mA
≤ IO ≤ 1.0 A
0.5
0.5
Ripple Rejection
RR
58
54
58
dB
18.5 Vdc
≤ Vin ≤ 28.5 Vdc, f = 120 Hz
Dropout Voltage (IO = 1.0 A, TJ = 25°C)
VI − VO
2.0
2.0
Vdc
Output Noise Voltage (TA = 25°C)
Vn
10
10
mV/VO
10 Hz
≤ f ≤ 100 kHz
Output Resistance f = 1.0 kHz
rO
1.2
1.2
m
W
Short Circuit Current Limit (TA = 25°C)
ISC
0.2
0.2
A
Vin = 35 Vdc
Peak Output Current (TJ = 25°C)
Imax
2.2
2.2
A
Average Temperature Coefficient of Output Voltage
TCVO
−1.0
−1.0
mV/
°C
20. Tlow =0°C for MC78XXAC, C
Thigh = +125°C for MC78XXAC, C, NCV7805
=
*40°C for MC78XXB, MC78XXAB, NCV7805
21. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn