Moteur de recherche de fiches techniques de composants électroniques |
|
MC1455D Fiches technique(PDF) 5 Page - ON Semiconductor |
|
MC1455D Fiches technique(HTML) 5 Page - ON Semiconductor |
5 / 11 page MC1455, MC1455B, NCV1455B http://onsemi.com 5 Figure 13. Representative Circuit Schematic 100 Threshold Comparator Trigger Comparator Flip−Flop Output VCC Threshold Trigger Reset Discharge GND Discharge Reset 100 k 5.0 k 5.0 k e 4.7 k c b 7.0 k 6.8 k 3.9 k b 220 4.7 k Output Control Voltage 5.0 k 1.0 k 4.7 k 830 4.7k 10 k c GENERAL OPERATION The MC1455 is a monolithic timing circuit which uses an external resistor − capacitor network as its timing element. It can be used in both the monostable (one−shot) and astable modes with frequency and duty cycle controlled by the capacitor and resistor values. While the timing is dependent upon the external passive components, the monolithic circuit provides the starting circuit, voltage comparison and other functions needed for a complete timing circuit. Internal to the integrated circuit are two comparators, one for the input signal and the other for capacitor voltage; also a flip−flop and digital output are included. The comparator reference voltages are always a fixed ratio of the supply voltage thus providing output timing independent of supply voltage. Monostable Mode In the monostable mode, a capacitor and a single resistor are used for the timing network. Both the threshold terminal and the discharge transistor terminal are connected together in this mode (refer to circuit in Figure 14). When the input voltage to the trigger comparator falls below 1/3 VCC, the comparator output triggers the flip−flop so that its output sets low. This turns the capacitor discharge transistor “off” and drives the digital output to the high state. This condition allows the capacitor to charge at an exponential rate which is set by the RC time constant. When the capacitor voltage reaches 2/3 VCC, the threshold comparator resets the flip−flop. This action discharges the timing capacitor and returns the digital output to the low state. Once the flip−flop has been triggered by an input signal, it cannot be retriggered until the present timing period has been completed. The time that the output is high is given by the equation t = 1.1 RA C. Various combinations of R and C and their associated times are shown in Figure 16. The trigger pulse width must be less than the timing period. A reset pin is provided to discharge the capacitor, thus interrupting the timing cycle. As long as the reset pin is low, the capacitor discharge transistor is turned “on” and prevents the capacitor from charging. While the reset voltage is applied the digital output will remain the same. The reset pin should be tied to the supply voltage when not in use. Figure 14. Monostable Circuit RL +VCC (5.0 V to 15 V) Reset VCC 8 Discharge 7 6 5 Threshold Control Voltage 0.01 mF 1 2 Trigger Output 3 4 RA RL MC1455 C |
Numéro de pièce similaire - MC1455D |
|
Description similaire - MC1455D |