Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC1489 Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce MC1489
Description  Quad Line EIA??32D Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1489 Fiches technique(HTML) 6 Page - ON Semiconductor

Back Button MC1489 Datasheet HTML 2Page - ON Semiconductor MC1489 Datasheet HTML 3Page - ON Semiconductor MC1489 Datasheet HTML 4Page - ON Semiconductor MC1489 Datasheet HTML 5Page - ON Semiconductor MC1489 Datasheet HTML 6Page - ON Semiconductor MC1489 Datasheet HTML 7Page - ON Semiconductor MC1489 Datasheet HTML 8Page - ON Semiconductor MC1489 Datasheet HTML 9Page - ON Semiconductor MC1489 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC1489, MC1489A
http://onsemi.com
6
APPLICATIONS INFORMATION
General Information
The Electronic Industries Association (EIA) has released
the EIA−232D specification detailing the requirements for
the interface between data processing equipment and data
communications equipment. This standard specifies not
only the number and type of interface leads, but also the
voltage levels to be used. The MC1488 quad driver and its
companion circuit, the MC1489 quad receiver, provide a
complete interface system between DTL or TTL logic levels
and the EIA−232D defined levels. The EIA−232D
requirements as applied to receivers are discussed herein.
The required input impedance is defined as between
3000
W and 7000 W for input voltages between 3.0 and 25 V
in magnitude; and any voltage on the receiver input in an
open circuit condition must be less than 2.0 V in magnitude.
The MC1489 circuits meet these requirements with a
maximum open circuit voltage of one VBE.
The receiver shall detect a voltage between − 3.0 and
−25 V as a Logic “1” and inputs between 3.0 and 25 V as a
Logic “0.” On some interchange leads, an open circuit of
power “OFF” condition (300
W or more to ground) shall be
decoded as an “OFF” condition or Logic “1.” For this
reason, the input hysteresis thresholds of the MC1489
circuits are all above ground. Thus an open or grounded
input will cause the same output as a negative or Logic “1”
input.
Device Characteristics
The MC1489 interface receivers have internal feedback
from the second stage to the input stage providing input
hysteresis for noise rejection. The MC1489 input has typical
turn−on voltage of 1.25 V and turn−off of 1.0 V for a typical
hysteresis of 250 mV. The MC1489A has typical turn−on of
1.95 V and turn−off of 0.8 V for typically 1.15 V of
hysteresis.
Each receiver section has an external response control
node in addition to the input and output pins, thereby
allowing the designer to vary the input threshold voltage
levels. A resistor can be connected between this node and an
external power supply. Figures 4, 6 and 7 illustrate the input
threshold voltage shift possible through this technique.
This response node can also be used for the filtering of
high frequency, high energy noise pulses. Figures 10 and 11
show typical noise pulse rejection for external capacitors of
various sizes.
These two operations on the response node can be
combined or used individually for many combinations of
interfacing applications. The MC1489 circuits are
particularly useful for interfacing between MOS circuits and
MDTL/MTTL logic systems. In this application, the input
threshold voltages are adjusted (with the appropriate supply
and resistor values) to fall in the center of the MOS voltage
logic levels (see Figure 12).
The response node may also be used as the receiver input
as long as the designer realizes that he may not drive this
node with a low impedance source to a voltage greater than
one diode above ground or less than one diode below
ground. This feature is demonstrated in Figure 13 where two
receivers are slaved to the same line that must still meet the
EIA−232D impedance requirement.
PW, INPUT PULSE WIDTH (ns)
500 pF
MC1489
6
5
4
3
2
1
10,000
1000
100
10
300 pF
100 pF
10 pF
Figure 10. Typical Turn On Threshold versus
Capacitance from Response Control Pin to GND
MC1489A
PW, INPUT PULSE WIDTH (ns)
12 pF
500 pF
100 pF
300 pF
6
5
4
3
2
1
10,000
1000
100
10
Figure 11. Typical Turn On Threshold versus
Capacitance from Response Control Pin to GND


Numéro de pièce similaire - MC1489

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC1489 ONSEMI-MC1489 Datasheet
98Kb / 10P
   Quad Line Receivers
April, 2004 ??Rev. 8
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489 Datasheet
338Kb / 13P
   QUAD LINE RECEIVERS
logo
Texas Instruments
MC1489 TI-MC1489 Datasheet
149Kb / 10P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
MC1489 TI-MC1489 Datasheet
740Kb / 21P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
MC1489 TI1-MC1489 Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
More results

Description similaire - MC1489

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC1488 ONSEMI-MC1488_06 Datasheet
179Kb / 11P
   Quad Line EIA??32D Driver
October, 2006 ??Rev. 8
MC3488A ONSEMI-MC3488A_06 Datasheet
79Kb / 6P
   Dual EIA??23/EIA??32D Line Driver
July, 2006 ??Rev. 5
logo
Texas Instruments
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489_06 Datasheet
242Kb / 17P
   Quad line receivers
logo
Texas Instruments
DS96F173MQML TI1-DS96F173MQML_13 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
logo
ON Semiconductor
MC1489 ONSEMI-MC1489 Datasheet
98Kb / 10P
   Quad Line Receivers
April, 2004 ??Rev. 8
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489 Datasheet
338Kb / 13P
   QUAD LINE RECEIVERS
logo
ARTSCHIP ELECTRONICS CO...
MC1489 ARTSCHIP-MC1489 Datasheet
2Mb / 9P
   QUAD LINE RECEIVERS
logo
Texas Instruments
DS96F173M TI1-DS96F173M_13 Datasheet
280Kb / 12P
[Old version datasheet]   DS96F173M/DS96F175C/DS96F175M EIA-485/EIA-422 Quad Differential Receivers
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com