Moteur de recherche de fiches techniques de composants électroniques |
|
CAT28C65BKA-15T Fiches technique(PDF) 9 Page - Catalyst Semiconductor |
|
CAT28C65BKA-15T Fiches technique(HTML) 9 Page - Catalyst Semiconductor |
9 / 13 page CAT28C65B 9 Doc. No. 1009, Rev. E WE CE OE I/O6 tOEH tOE tOES tWC (1) (1) ADDRESS CE WE OE I/O7 DIN = X DOUT = X DOUT = X tOE tOEH tWC tOES (which can be loaded in any order) during the first and subsequent write cycles. Each successive byte load cycle must begin within tBLC MAX of the rising edge of the preceding WE pulse. There is no page write window limitation as long as WE is pulsed low within tBLC MAX. Upon completion of the page write sequence, WE must stay high a minimum of tBLC MAX for the internal automatic program cycle to commence. This programming cycle consists of an erase cycle, which erases any data that existed in each addressed cell, and a write cycle, which writes new data back into the cell. A page write will only write data to the locations that were addressed and will not rewrite the entire page. DATA Polling DATA polling is provided to indicate the completion of write cycle. Once a byte write or page write cycle is initiated, attempting to read the last byte written will output the complement of that data on I/O7 (I/O0–I/O6 are indeterminate) until the programming cycle is complete. Upon completion of the self-timed write cycle, all I/O’s will output true data during a read cycle. Toggle Bit In addition to the DATA Polling feature, the device offers an additional method for determining the completion of a write cycle. While a write cycle is in progress, reading data from the device will result in I/O6 toggling between one and zero. However, once the write is complete, I/O6 stops toggling and valid data can be read from the device. Ready/BUSY (RDY/BUSY) The RDY/BUSY pin is an open drain output which indicates device status during programming. It is pulled low during the write cycle and released at the end of programming. Several devices may be OR-tied to the same RDY/BUSY line. Figure 7. DATA Polling Figure 8. Toggle Bit |
Numéro de pièce similaire - CAT28C65BKA-15T |
|
Description similaire - CAT28C65BKA-15T |