Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT24FC256PITE13 Fiches technique(PDF) 11 Page - Catalyst Semiconductor

No de pièce CAT24FC256PITE13
Description  256K-Bit I2C Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC256PITE13 Fiches technique(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT24FC256PITE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC256PITE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC256PITE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC256PITE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC256PITE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC256PITE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT24FC256PITE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT24FC256PITE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT24FC256PITE13 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Discontinued
Part
CAT24FC256
11
Doc. No. 1040, Rev. K
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ORDERING INFORMATION
Notes:
(1) The device used in the above example is a 24FC256JI-1.8TE13 (SOIC, Industrial Temperature, 1.8 Volt to 5.5 Volt Operating
Voltage, Tape & Reel)
Temperature Range
I = Industrial (-40˚C to 85˚C)
A = Automotive (-40˚C to 105˚C)
Prefix
Device #
Suffix
J
I
TE13
Product
Number
Tape & Reel
Package
P: PDIP
K: SOIC, EIAJ
J: SOIC, JEDEC
L: PDIP (Lead-free, Halogen-free)
W: SOIC, JEDEC (Lead-free, Halogen-free)
X: SOIC, EIAJ (Lead-free, Halogen-free)
GL: PDIP (Lead-free, Halogen-free, NiPdAu lead plating)
GW: SOIC, JEDEC (Lead-free, Halogen-free, NiPdAu lead plating)
GX: SOIC, EIAJ (Lead-free, Halogen-free, NiPdAu lead plating)
Operating Voltage
Blank: 2.5 to 5.5 V
1.8: 1.8 to 5.5 V
REV-A
Die Revision
-1.8
24FC256
CAT
Optional
Company ID
E = Extended (-40˚C to 125˚C)


Numéro de pièce similaire - CAT24FC256PITE13

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT24FC256PI CATALYST-CAT24FC256PI Datasheet
421Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
More results

Description similaire - CAT24FC256PITE13

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT24FC256 CATALYST-CAT24FC256 Datasheet
421Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC256 CATALYST-CAT24WC256 Datasheet
406Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC257 CATALYST-CAT24WC257 Datasheet
417Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24AA256-I MICROCHIP-24AA256-I Datasheet
700Kb / 34P
   256K I2C CMOS Serial EEPROM
01/05/10
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
   256K I2C??CMOS Serial EEPROM
2010
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256TISM MICROCHIP-24LC256TISM Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISN MICROCHIP-24LC256ISN Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24AA256 MICROCHIP-24AA256_13 Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISNG MICROCHIP-24LC256ISNG Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com