Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100LVEL13 Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce MC100LVEL13
Description  3.3V ECL Dual 1:3 Fanout Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL13 Fiches technique(HTML) 2 Page - ON Semiconductor

  MC100LVEL13 Datasheet HTML 1Page - ON Semiconductor MC100LVEL13 Datasheet HTML 2Page - ON Semiconductor MC100LVEL13 Datasheet HTML 3Page - ON Semiconductor MC100LVEL13 Datasheet HTML 4Page - ON Semiconductor MC100LVEL13 Datasheet HTML 5Page - ON Semiconductor MC100LVEL13 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC100LVEL13
http://onsemi.com
2
CLKa
Figure 1. Logic Diagram and Pinout: 20−Lead SOIC
(Top View)
CLKa
CLKb VCC
17
18
16
15
14
13
12
4
3
5
678
9
Q2a
11
10
Q2a VCC Q2b Q2b Q1b Q1b VEE
Q0a
19
20
2
1
Q1a Q1a
VCC
CLKb
Q0a
Q0b Q0b
Warning: All VCC and VEE pins must be externally connected to
Power Supply to guarantee proper operation.
Table 1. PIN DESCRIPTION
FUNCTION
ECL Differential Clock Outputs
ECL Differential Clock Outputs
ECL Differential Clock Inputs
Positive Supply
Negative Supply
PIN
Qna, Qna
Qnb, Qnb
CLKn, CLKn
VCC
VEE
Table 2. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
PECL Mode Power Supply
VEE = 0 V
8 to 0
V
VEE
NECL Mode Power Supply
VCC = 0 V
−8 to 0
V
VI
PECL Mode Input Voltage
NECL Mode Input Voltage
VEE = 0 V
VCC = 0 V
VI  VCC
VI  VEE
6 to 0
−6 to 0
V
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction to Ambient)
0 lfpm
500 lfpm
20 SOIC
20 SOIC
90
60
°C/W
°C/W
qJC
Thermal Resistance (Junction to Case)
Standard Board
20 SOIC
30 to 35
°C/W
Tsol
Wave Solder
Pb
Pb−Free
<2 to 3 sec @ 248°C
<2 to 3 sec @ 260°C
265
265
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may
affect device reliability.


Numéro de pièce similaire - MC100LVEL13

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100LVEL13 ONSEMI-MC100LVEL13 Datasheet
91Kb / 3P
   Dual 1:3 Fanout Buffer
1996 REV 1
MC100LVEL13DWG ONSEMI-MC100LVEL13DWG Datasheet
154Kb / 6P
   ECL Dual 1:3 Fanout Buffer
July, 2016 ??Rev. 7
MC100LVEL13DWR2G ONSEMI-MC100LVEL13DWR2G Datasheet
154Kb / 6P
   ECL Dual 1:3 Fanout Buffer
July, 2016 ??Rev. 7
MC100LVEL13 ONSEMI-MC100LVEL13_16 Datasheet
154Kb / 6P
   ECL Dual 1:3 Fanout Buffer
July, 2016 ??Rev. 7
More results

Description similaire - MC100LVEL13

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100LVEL13 ONSEMI-MC100LVEL13_16 Datasheet
154Kb / 6P
   ECL Dual 1:3 Fanout Buffer
July, 2016 ??Rev. 7
MC100EL13 ONSEMI-MC100EL13_06 Datasheet
116Kb / 6P
   5V ECL Dual 1:3 Fanout Buffer
October, 2006 ??Rev. 5
MC100LVE210 ONSEMI-MC100LVE210_06 Datasheet
84Kb / 8P
   3.3V ECL Dual 1:4, 1:5 Differential Fanout Buffer
December, 2006 ??Rev. 7
MC100LVEL11 ONSEMI-MC100LVEL11_06 Datasheet
141Kb / 8P
   3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Fairchild Semiconductor
100LVEL11 FAIRCHILD-100LVEL11 Datasheet
131Kb / 6P
   3.3V ECL 1:2 Differential Fanout Buffer
logo
ON Semiconductor
MC100EL13 ONSEMI-MC100EL13_16 Datasheet
146Kb / 5P
   5V ECL Dual 1:3 Fanout Buffer
July, 2016 ??Rev. 7
logo
Motorola, Inc
MC100ES6011 MOTOROLA-MC100ES6011 Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
logo
ON Semiconductor
MC10LVEP11 ONSEMI-MC10LVEP11 Datasheet
134Kb / 10P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
February, 2005 ??Rev. 7
MC10LVEP11 ONSEMI-MC10LVEP11_06 Datasheet
166Kb / 12P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 11
MC10EP11 ONSEMI-MC10EP11_06 Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com